Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57350 Datasheet(PDF) 2 Page - EPCOS

Part # B57350
Description  NTC thermistors for temperature measurement
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57350 Datasheet(HTML) 2 Page - EPCOS

  B57350_06 Datasheet HTML 1Page - EPCOS B57350_06 Datasheet HTML 2Page - EPCOS B57350_06 Datasheet HTML 3Page - EPCOS B57350_06 Datasheet HTML 4Page - EPCOS B57350_06 Datasheet HTML 5Page - EPCOS B57350_06 Datasheet HTML 6Page - EPCOS B57350_06 Datasheet HTML 7Page - EPCOS B57350_06 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1) Depends on mounting situation
Applications
Automotive electronics, e.g.
measurement of cooling water
and oil temperature
Features
Front surfaces silver-plated
For clamp contacting
Options
Alternative resistance ratings,
rated temperatures and resistance tolerances
available on request
Delivery mode
Bulk
Dimensional drawing
D = 3.5
±0.3 mm
L = 1.3
±0.4 mm
Approx. weight 75 mg
General technical data
Climatic category
(IEC 60068-1)
55/155/21
Max. power
(at 25
°C)
P25
180
mW
Resistance tolerance
∆R
R/RR
±5
%
Rated temperature
TR
100
°C
Dissipation factor
(in air)
δ
th
1)
approx. 2.5
mW/K
Thermal cooling time constant
(in air)
τ
c
1)
approx. 18
s
Heat capacity
Cth1)
approx. 45
mJ/K
Electrical specification and ordering codes
R100
Ω
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
70
990.2
1009
3930
±1.5%
B57350K0102J000
Temperature measurement
B57350
Leadless NTCs
K350
Page 2 of 8
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com