Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP3001A Datasheet(PDF) 21 Page - Micronas

Part # CAP3001A
Description  Car Audio Processor Hardware
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 21 Page - Micronas

Back Button CAP3001A Datasheet HTML 17Page - Micronas CAP3001A Datasheet HTML 18Page - Micronas CAP3001A Datasheet HTML 19Page - Micronas CAP3001A Datasheet HTML 20Page - Micronas CAP3001A Datasheet HTML 21Page - Micronas CAP3001A Datasheet HTML 22Page - Micronas CAP3001A Datasheet HTML 23Page - Micronas CAP3001A Datasheet HTML 24Page - Micronas CAP3001A Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
21
3.1.2. Pin Descriptions
Pin1 – FMLEVEL
Input for the FM field strength information.
Pins 2 to 6 – POT5/AVC, POT4, POT3, POT2,
POT1/MPX1
Inputs for a DC-control voltage (0V to VSUP). These pins
can also be used as digital outputs with an external pull-
up resistor; the function and selection is controlled via
IM/I2C-bus.
POT1/MPX1 also serves as a second MPX input for ARI/
RDS.
POT5/AVC also serves as a highly sensitive microphone
input.
Pin 7 – MPX0
Input for the MPX signal in case of FM reception.
Pin 8 – AML
Input for left channel baseband audio; or for AM IF
(450 to 460 kHz).
Pin 9 – AMR
Input for right channel baseband audio.
Pin 10 – AUXR
Input for additional audio sources, right channel.
Pin 11 – AUXL
Input for additional audio sources, left channel.
Pin 12 – TAPER
Input for right tape channel.
Pin 13 – TAPEL
Input for left tape channel.
Pins 14 to 16 – PDMC3, PDMC2, PDMC1
Capacitor pins for the feedback loop of the high quality
pulse-density modulators.
Pin 17 – BAGNDC
Buffered internal ground. This pin is the buffered internal
ground connection for the external PDM capacitors.
Pin 18 – AGNDC
This pin serves as internal ground connection for the
analog circuitry. It must be connected to analog ground
with a 4.7
µF and a 100 nF capacitor in parallel.
Pin 19 – VREF1
This pin must be connected separately to the single
ground point. It serves as ground connection for the ana-
log bias circuits.
Pin 20 – GNDA
This pin serves as ground connection for the analog sig-
nals and NF parts of the synthesizer section.
Pin 21 – VSUPA
Analog supply voltage; power for the analog circuitry of
the CAP 3001 A is supplied via this pin.
Pin 22 – LF
Left front speaker output.
Pin 23 – LR
Left rear speaker output.
Pin 24 – RR
Right rear speaker output.
Pin 25 – RF
Right front speaker output.
Pin 26 – VREF2
This pin serves as ground connection for the synthesizer
bias circuits and must be connected separately to the
ground point of the tuner.
Pin 27 – FMTUNOUT
Tuning voltage for the FM oscillator.
Pin 28 – TUNFB
Feedback input for tuning voltage amplifier.
Pin 29 – AMTUNOUT
Tuning voltage for the AM oscillator.
Pin 30 – VSUP2
Synthesizer supply voltage 2; power is supplied via this
pin
for
the
synthesizer
output
circuitry
of
the
CAP 3001 A.
Pin 31 – VSUP1
Synthesizer supply voltage 1; power is supplied via this
pin for the synthesizer circuitry of the CAP 3001 A.
Pin 32 – AMOSCREF
Capacitor pin for AMOSCIN reference voltage.
Pin 33 – AMOSCIN
Input for the AM oscillator signal.
Pin 34 – FMOSCREF
Capacitor pin for FMOSCIN reference voltage.
Pin 35 – FMOSCIN
Input for the FM oscillator signal.
Pin 36 – GNDS1
This pin serves as ground connection for the HF parts of
the synthesizer section.
Pin 37 – TESTEN
Test mode enable
Pin 38 – QX1
Crystal pin. This pin has to be connected with the crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com