Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8TAB9 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8TAB9
Description  8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB9 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button COP8TAB9 Datasheet HTML 17Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 18Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 19Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 20Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 21Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 22Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 23Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 24Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
10.0 Functional Description
(Continued)
10.8 CONTROL REGISTERS
10.8.1 CNTRL Register (Address X'00EE)
T1C3
T1C2
T1C1
T1C0
MSEL
IEDG
SL1
SL0
Bit 7
Bit 0
The Timer1 (T1) and MICROWIRE/PLUS control register
contains the following bits:
T1C3
Timer T1 mode control bit
T1C2
Timer T1 mode control bit
T1C1
Timer T1 mode control bit
T1C0
Timer
T1
Start/Stop
control
in
timer
modes 1 and
2.
T1
Underflow
Interrupt
Pending Flag in timer mode 3
MSEL
Selects G5 and G4 as MICROWIRE/PLUS
signals SK and SO respectively
IEDG
External
interrupt
edge
polarity
select
(0 = Rising edge, 1 = Falling edge)
SL1 & SL0 Select the MICROWIRE/PLUS clock divide
by (00 = 2, 01 = 4, 1x = 8)
10.8.2 PSW Register (Address X'00EF)
HC
C
T1PNDA
T1ENA
EXPND
BUSY
EXEN
GIE
Bit 7
Bit 0
The PSW register contains the following select bits:
HC
Half Carry Flag
C
Carry Flag
T1PNDA Timer T1 Interrupt Pending Flag (Autoreload RA
in mode 1, T1 Underflow in Mode 2, T1A capture
edge in mode 3)
T1ENA
Timer T1 Interrupt Enable for Timer Underflow
or T1A Input capture edge
EXPND
External interrupt pending
BUSY
MICROWIRE/PLUS busy shifting flag
EXEN
Enable external interrupt
GIE
Global interrupt enable (enables interrupts)
The Half-Carry flag is also affected by all the instructions that
affect the Carry flag. The SC (Set Carry) and RC (Reset
Carry) instructions will respectively set or clear both the carry
flags. In addition to the SC and RC instructions, ADC, SUBC,
RRC and RLC instructions affect the Carry and Half Carry
flags.
10.8.3 ICNTRL Register (Address X'00E8)
Unused
LPEN
T0PND
T0EN
µWPND
µWEN
T1PNDB
T1ENB
Bit 7
Bit 0
The ICNTRL register contains the following bits:
LPEN
L/C
Port
Interrupt
Enable
(Multi-Input
Wake-Up/Interrupt)
T0PND
Timer T0 Interrupt pending
T0EN
Timer T0 Interrupt Enable (Bit 12 toggle)
µWPND MICROWIRE/PLUS interrupt pending
µWEN
Enable MICROWIRE/PLUS interrupt
T1PNDB Timer T1 Interrupt Pending Flag for T1B capture
edge
T1ENB
Timer T1 Interrupt Enable for T1B Input capture
edge
10.8.4 ITMR Register (Address X'00CF)
RSVD
ITSEL2
ITSEL1
ITSEL0
Bit 7
Bit 0
The ITMR register contains the following bits:
RSVD
These bits are reserved and must be 0.
ITSEL2 Idle Timer period select bit.
ITSEL1 Idle Timer period select bit.
ITSEL0 Idle Timer period select bit.
11.0 In-System Programming
11.1 INTRODUCTION
This device provides the capability to program the program
memory while installed in an application board. This feature
is called In System Programming (ISP). It provides a means
of ISP by using the MICROWIRE/PLUS, or the user can
provide his own, customized ISP routine. The factory in-
stalled ISP uses the MICROWIRE/PLUS port. The user can
provide his own ISP routine that uses any of the capabilities
of the device, such as ACCESS.Bus, parallel port, etc. The
user is cautioned, however, to remove all calls to Boot ROM
functions prior to submission of code for ROM generation
and production in COP8TAx5 devices.
11.2 FUNCTIONAL DESCRIPTION
The organization of the ISP feature consists of the user
Flash program memory, the factory boot ROM, and some
registers dedicated to performing the ISP function. See Fig-
ure 18 for a simplified block diagram. The factory installed
ISP that uses MICROWIRE/PLUS is located in the Boot
ROM. The size of the Boot ROM is 1k bytes and also
contains code to facilitate in system emulation capability. If a
user chooses to write an application specific ISP routine, it
must be located in the Flash program memory.
As described in Section 10.4 OPTION REGISTER, there is a
bit, FLEX, that controls whether the device exits RESET
executing from the Flash memory or the Boot ROM. The
user must program the FLEX bit as appropriate for the
application. In the erased state, the FLEX bit = 0 and the
device will power-up executing from Boot ROM. When FLEX
= 0, this assumes that either the MICROWIRE/PLUS ISP
20047529
FIGURE 18. Block Diagram of ISP
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com