Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SES/040 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # SES/040
Description  Screw Extractor Set Set E
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

SES/040 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  SES/040 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
30/03/12
Screw Extractor Set
Set E
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Screw Extractor Set, E
SES/040
Part Number Table
SES/040 – Screw Extractor Set No.7 – No. 9
Contains
•  Screw Extractor No.7 to 9
•  Supplied in strong cardboard carton


Similar Part No. - SES/040

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
SES/010 DURATOOL-SES/010 Datasheet
196Kb / 1P
Screw Extractor Set Set A
30/03/12 V1.0
SES/020 DURATOOL-SES/020 Datasheet
195Kb / 1P
Screw Extractor Set Set B
30/03/12 V1.0
SES/030 DURATOOL-SES/030 Datasheet
196Kb / 1P
Screw Extractor Set Set D
30/03/12 V1.0
More results

Similar Description - SES/040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-00245-0 ETC2-BU-00245-0 Datasheet
47Kb / 1P
Set Screw Banana Plug
logo
PHOENIX CONTACT
1675476 PHOENIX-1675476 Datasheet
52Kb / 3P
Pressure screw set - HC-DS-PG11-E
1676873 PHOENIX-1676873 Datasheet
52Kb / 3P
Pressure screw set - HC-DS-PG13-E
1676886 PHOENIX-1676886 Datasheet
58Kb / 2P
Pressure screw set - HC-DS-PG21-E
logo
SparkFun Electronics
ROB-12318 SPARKFUN-ROB-12318 Datasheet
94Kb / 1P
Set Screw Hub - 6mm Bore
2/5/2016
logo
FIBOX Enclosing innovat...
3570580 FIBOX-3570580 Datasheet
37Kb / 1P
Mounting screw set (4pcs)
26.07.2023
7038005 FIBOX-7038005 Datasheet
37Kb / 1P
Cover screw set
11.08.2023
7038036 FIBOX-7038036 Datasheet
47Kb / 1P
Cover screw set
11.08.2023
8524001 FIBOX-8524001 Datasheet
49Kb / 1P
Screw set
11.08.2023
8524002 FIBOX-8524002 Datasheet
48Kb / 1P
Screw set
11.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com