Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z128CS Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z128CS
Description  1 Mbit 128Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128CS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z128CS Datasheet HTML 5Page - STMicroelectronics M48Z128CS Datasheet HTML 6Page - STMicroelectronics M48Z128CS Datasheet HTML 7Page - STMicroelectronics M48Z128CS Datasheet HTML 8Page - STMicroelectronics M48Z128CS Datasheet HTML 9Page - STMicroelectronics M48Z128CS Datasheet HTML 10Page - STMicroelectronics M48Z128CS Datasheet HTML 11Page - STMicroelectronics M48Z128CS Datasheet HTML 12Page - STMicroelectronics M48Z128CS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
M48Z128, M48Z128Y
POWER SUPPLY DECOUPLING
and UNDERSHOOT PROTECTION
ICC transients, including those produced by output
switching, can produce voltage fluctuations, re-
sulting in spikes on the VCC bus. These transients
can be reduced if capacitors are used to store en-
ergy, which stabilizes the VCC bus. The energy
stored in the bypass capacitors will be released as
low going spikes are generated or energy will be
absorbed when overshoots occur. A ceramic by-
pass capacitor value of 0.1
µF (as shown in Figure
9) is recommended in order to provide the needed
filtering.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate neg-
ative voltage spikes on VCC that drive it to values
below VSS by as much as one Volt. These nega-
tive spikes can cause data corruption in the SRAM
while in battery backup mode. To protect from
these voltage spikes, it is recommended to con-
nect a schottky diode from VCC to VSS (cathode
connected to VCC, anode to VSS). Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount.
Figure 9. Supply Voltage Protection
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS
Table 10. Write Mode AC Characteristics
(TA = 0 to 70 °C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
Note: 1. CL = 5pF.
2. If E goes low simultaneously with W going low after W going low, the outputs remain in the high impedance state.
Symbol
Parameter
M48Z128/M48Z128Y
Unit
-70
-85
-120
Min
Max
Min
Max
Min
Max
tAVAV
Write Cycle Time
70
85
120
ns
tAVWL
Address Valid to Write Enable Low
0
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
0
ns
tWLWH
Write Enable Pulse Width
55
65
85
ns
tELEH
Chip Enable Low to Chip Enable High
55
75
100
ns
tWHAX
Write Enable High to Address Transition
5
5
5
ns
tEHAX
Chip Enable High to Address Transition
15
15
15
ns
tDVWH
Input Valid to Write Enable High
30
35
45
ns
tDVEH
Input Valid to Chip Enable High
30
35
45
ns
tWHDX
Write Enable High to Input Transition
0
0
0
ns
tEHDX
Chip Enable High to Input Transition
10
10
10
ns
tWLQZ
(1, 2)
Write Enable Low to Output Hi-Z
25
30
40
ns
tAVWH
Address Valid to Write Enable High
65
75
100
ns
tAVEH
Address Valid to Chip Enable High
65
75
100
ns
tWHQX
(1, 2)
Write Enable High to Output Transition
5
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com