Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I-CS Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # I-CS
Description  Intelligent CS-Mount Lenses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

I-CS Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  I-CS Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Intelligent CS-Mount Lenses
i-CS Lens Features
• The industry’s 1st Intelligent CS-Mount Lenses
• Remote Zoom/Focus/Iris operated by stepping motor
• Specific optical information in built-in memory
• Exchange information with camera through a I2C protocol
• Temperature sensor, Photointerrupter
Unique Functions of the i-CS Series
Remote
Zoom/Focus/Iris
Adjustment with
CS-Mount
Distortion
Correction
Re-adjusting
focus when
temperature
changes
Change in focus
shift in the visible
and IR light by
focal length
Specifications are subject to change without notice
CORPORATE HQ +1 (919) 230-8700 | WEST COAST +1 (310) 222-8600
computar.com ©2024 CBC AMERICA Corp. All Rights Reserved. 09/24
i-CS Series Applications include:
Face Recognition, License Plate Recognition, ITS, Remote Security, etc.


Similar Description - I-CS

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4370 CML-4370 Datasheet
24Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
ALPS ELECTRIC CO.,LTD.
FLGB1ZH ALPS-FLGB1ZH Datasheet
133Kb / 2P
Micro Aspherical Glass Lenses
logo
Dialight Corporation
OHES1WH DIALIGHT-OHES1WH Datasheet
190Kb / 2P
20mm LENSES AND HOLDERS
OHGDBK DIALIGHT-OHGDBK Datasheet
139Kb / 2P
20mm LENSES AND HOLDERS
logo
List of Unclassifed Man...
LRC-LRF ETC1-LRC-LRF Datasheet
1,022Kb / 10P
FHS LENSES SERIES
logo
Visual Communications C...
4311 VCC-4311 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
4331 VCC-4331 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 (3mm) LEDs
4341 VCC-4341 Datasheet
84Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Zilog, Inc.
ZAA09GIT1 ZILOG-ZAA09GIT1 Datasheet
2Mb / 48P
ZMOTION짰 Lenses
logo
Pepperl+Fuchs Inc.
VOS-LE-M12-KIT PF-VOS-LE-M12-KIT Datasheet
434Kb / 1P
S-mount lenses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com