Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3518-APVSW Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # M3518-APVSW
Description  f=35mm F1.8 ViSWIR Hyper Apochromat for VisibleSWIR image sensor, Fixed-focal C‐Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

M3518-APVSW Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  M3518-APVSW Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M3518-APVSW
f=35mm F1.8 ViSWIR Hyper Apochromat
for Visible+SWIR image sensor, Fixed-focal
C‐Mount
Model No.
M3518-APVSW
Effective
Front
φ22.5mm
Focal Length
35mm
Lens Aperture
Rear
φ9.8mm
Max. Aperture Ratio
1:1.8
1/1.4 Type
0.0%
Wavelength Range
400nm - 1700nm
1/1.8 Type
0.0%
Max. Image Circle
φ11.4mm
Back Focal Length
12.6mm
Iris
F1.8 ‐ F16.0
Flange Back Length
17.526mm
Focus
0.15m ‐ Inf.
Mount
C-Mount
Iris
Manual
Filter Size
M37.5 P=0.5mm
Focus
Manual
Dimensions
φ41mm×67.0mm
Operating Temperature
-10℃ ‐ +50℃
Weight
199g
D
1/1.4 type
18.4°
1/1.8 type
14.4°
1/2 type
13.4°
H
8.83mm x 7.07mm
14.4°
7.07mm x 5.30mm
11.6°
6.40mm x 5.12mm
10.5°
V
(11.3mm diagonal)
11.6°
(8.8mm diagonal)
8.7°
(8.2mm diagonal)
8.4°
D
1/4 type
6.8°
H
3.20mm x 2.56mm
5.3°
V
(4.1mm diagonal)
4.2°
Dimensions
Distortion(inf)
Operation Range
Control
Angle of View
Specification is subject to change without any notice.
2023.11


Similar Part No. - M3518-APVSW

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M3518-APVSW COMPUTAR-M3518-APVSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M3518-APVSW COMPUTAR-M3518-APVSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results

Similar Description - M3518-APVSW

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
Image Signal Processor for Hyundai CMOS Image Sensor
logo
KODENSHI_AUK CORP.
KVS-1001 KODENSHI-KVS-1001 Datasheet
46Kb / 2P
Visible Light Sensor
KVS-3023 KODENSHI-KVS-3023 Datasheet
130Kb / 2P
Visible Light Sensor
KOE1007 KODENSHI-KOE1007 Datasheet
163Kb / 3P
Visible Light Sensor
logo
Actel Corporation
8635-313-0-00 ACTEL-8635-313-0-00 Datasheet
319Kb / 1P
Z-LOK BGA SURFACE MOUNT SOCKET 35MM, 313LD, 1.27 C/C
logo
KODENSHI_AUK CORP.
KVS5032 KODENSHI-KVS5032 Datasheet
446Kb / 2P
Visible Light Sensor
logo
List of Unclassifed Man...
GVBL-T12GD ETC-GVBL-T12GD Datasheet
225Kb / 1P
UV / Visible Sensor
GVGR-S11SD ETC-GVGR-S11SD Datasheet
248Kb / 1P
UV / Visible Sensor
GVGR-T10GD ETC-GVGR-T10GD Datasheet
180Kb / 1P
UV / Visible Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
For CCD image sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com