Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3520-MPZ-R Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # V3520-MPZ-R
Description  Anti Vibration & Shock Resistance Lens Lineup
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

V3520-MPZ-R Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  V3520-MPZ-R Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
computar.com
©2024 CBC AMERICA LLC All Rights Reserved 01/24


Similar Part No. - V3520-MPZ-R

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
V3522-MPZ COMPUTAR-V3522-MPZ Datasheet
1Mb / 2P
MEGAPIXEL Machine Vision Lens
V3528-MPY COMPUTAR-V3528-MPY Datasheet
81Kb / 1P
f=35mm F2.8 for 1.1" type 12 Megapixel cameras, Fixed-focal C‐Mount
2017.02
V3528-MPY2 COMPUTAR-V3528-MPY2 Datasheet
1Mb / 2P
1.1“ 24MP MACHINE VISION LENSES
05/26
More results

Similar Description - V3520-MPZ-R

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JMX-94F DBLECTRO-JMX-94F_05 Datasheet
2Mb / 3P
Well anti-shock and anti-vibration
logo
Axiomtek Co., Ltd.
FIC-60 AXIOMTEK-FIC-60 Datasheet
208Kb / 1P
Anti-vibration & shock resistance
logo
Golledge Electronics Lt...
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
High shock & vibration resistance
MCSO2V GOLLEDGE-MCSO2V Datasheet
550Kb / 4P
Excellent shock & vibration resistance
MCSO6 GOLLEDGE-MCSO6 Datasheet
551Kb / 5P
Excellent shock & vibration resistance
MCSO6FV GOLLEDGE-MCSO6FV Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6FW GOLLEDGE-MCSO6FW Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6W GOLLEDGE-MCSO6W Datasheet
546Kb / 4P
Excellent shock & vibration resistance
MCSOFHV GOLLEDGE-MCSOFHV Datasheet
549Kb / 4P
Excellent shock & vibration resistance
MCSOV GOLLEDGE-MCSOV_18 Datasheet
567Kb / 4P
Excellent shock & vibration resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com