Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3522-MPZ Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # V3522-MPZ
Description  MEGAPIXEL Machine Vision Lens
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

V3522-MPZ Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  V3522-MPZ Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC. V3522-MPZ Datasheet HTML 2Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - V3522-MPZ

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
V3520-MPZ-R COMPUTAR-V3520-MPZ-R Datasheet
12Mb / 1P
Anti Vibration & Shock Resistance Lens Lineup
01/24
V3528-MPY COMPUTAR-V3528-MPY Datasheet
81Kb / 1P
f=35mm F2.8 for 1.1" type 12 Megapixel cameras, Fixed-focal C‐Mount
2017.02
V3528-MPY2 COMPUTAR-V3528-MPY2 Datasheet
1Mb / 2P
1.1“ 24MP MACHINE VISION LENSES
05/26
More results

Similar Description - V3522-MPZ

ManufacturerPart #DatasheetDescription
logo
ams AG
CMV2000 AMSCO-CMV2000 Datasheet
3Mb / 64P
2.2 Megapixel machine vision CMOS image sensor
CMV4000 AMSCO-CMV4000 Datasheet
3Mb / 67P
4.2 Megapixel machine vision CMOS image sensor
CMV12000 AMSCO-CMV12000 Datasheet
1Mb / 80P
12 Megapixel machine vision CMOS image sensor
logo
Balluff Korea Ltd.
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
BVS002F BALLUFF-BVS002F Datasheet
162Kb / 2P
Machine Vision
0.105_2021-04-27
BVS003K BALLUFF-BVS003K Datasheet
144Kb / 2P
Machine Vision
1.34_2021-04-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com