Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7060 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7060
Description  32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7060 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7060_03 Datasheet HTML 1Page - LSI Computer Systems LS7060_03 Datasheet HTML 2Page - LSI Computer Systems LS7060_03 Datasheet HTML 3Page - LSI Computer Systems LS7060_03 Datasheet HTML 4Page - LSI Computer Systems LS7060_03 Datasheet HTML 5Page - LSI Computer Systems LS7060_03 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
32 BIT/DUAL 16 BIT BINARY UP COUNTER
WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
PIN ASSIGNMENT - TOP VIEW
SCAN
ENABLE
SCAN RESET/LOAD
TEST COUNT
B7 OUT
B6 OUT
B5 OUT
B4 OUT
V DD (+V)
ALT COUNT
B3 OUT
B2 OUT
B1 OUT
B0 OUT
RESET
CASCADE EN OUT
V SS (-V)
FIGURE 1
LS7060
COUNT
FEATURES:
• DC to 15MHz Count Frequency
• Byte Multiplexer
• DC to 1MHz Scan Frequency
• +4.75V to +5.25V Operation (VDD - VSS)
• Three-State Data Outputs, Bus and TTL Compatible
• Inputs TTL and CMOS Compatible
• Unique Cascade Feature Allows Multiplexing of
Successive Bytes of Data in Sequence in Multiple
Counter Systems
• Low Power Dissipation
• LS7060, LS7062 (DIP); LS7060-S, LS7062-S (SOIC) -
See Figures 1 & 2
DESCRIPTION:
The LS7060/LS7062 is a MOS, 32 bit/dual 16 bit up counter. The
IC includes latches, multiplexer, eight three-state binary data out-
put drivers and output cascading logic.
DESCRIPTION OF OPERATION:
32 (16) BIT BINARY UP COUNTER - LS7060 (LS7062)
The 32(16) bit static ripple through counter increments on the
negative edge of the input count pulse. Maximum ripple time is
4µs (2µs) - transition count of 32(16) ones to 32(16) zeros.
Guaranteed count frequency is DC to 15MHz.
See Figure 9A(9B) for Block Diagram.
COUNT, ALT COUNT (LS7060)
Input count pulses to the 32 bit counter may be applied through
either of these two inputs. The ALT COUNT input circuitry con-
tains a Schmitt trigger network which allows proper counting with
"infinitely" long clock edges. A high applied to either of these two
inputs inhibits counting.
COUNT A, ALT COUNT A (LS7062)
Input count pulses to the first 16 bit counter may be applied
through either of these two inputs. The ALT COUNT A input cir-
cuitry contains a Schmitt trigger network which allows proper
counting with “infinitely” long clock edges. A high applied to either
of these two inputs inhibits counting.
RESET
All 32 counter bits are reset to zero when RESET is brought low
for a minimum of 1µs. RESET must be high for a minimum of
300ns before next valid count can be recorded.
TEST COUNT (LS7060)
Count pulses may be applied to the last 16 bits of the binary
counter through this input, as long as Bit 16 of the counter is a
low. The counter advances on the negative transition of these
pulses. This input is intended to be used for test purposes.
January 2003
7060-012703-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7060/7062
COUNT B (LS7062)
Count pulses may be applied to the last 16 bits of the binary
counter through this input. The counter advances on the neg-
ative transition of these pulses.
LATCHES - LS7060 (LS7062)
32 bits of latch are provided for storage of counter data. All latch-
es are loaded when the LOAD input is brought low for a mini-
mum of 1µs and kept low until a minimum of 4µs (2µs) has
elapsed from previous negative edge of count pulse (ripple time).
Storage of valid data occurs when LOAD is brought high for a
minimum of 250ns before next negative edge of count pulse or
RESET.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
PIN ASSIGNMENT - TOP VIEW
SCAN
ENABLE
SCAN RESET/LOAD
COUNT B
B7 OUT
B6 OUT
B5 OUT
B4 OUT
V DD (+V)
ALT COUNT A
B3 OUT
B2 OUT
B1 OUT
B0 OUT
RESET
CASCADE EN OUT
V SS (-)
FIGURE 2
LS7062
COUNT A
UL
®
A3800


Similar Part No. - LS7060_03

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7060C LSI-LS7060C Datasheet
88Kb / 7P
32 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
More results

Similar Description - LS7060_03

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS569A MOTOROLA-SN54LS569A Datasheet
260Kb / 8P
FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
54F779 NSC-54F779 Datasheet
176Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
logo
LSI Computer Systems
LS7060 LSI-LS7060 Datasheet
64Kb / 7P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7061 LSI-LS7061 Datasheet
68Kb / 7P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060C LSI-LS7060C Datasheet
88Kb / 7P
32 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
logo
Texas Instruments
SN74LV8154-EP TI1-SN74LV8154-EP Datasheet
562Kb / 15P
DUAL 16 BIT BINARY COUNTER WITH 3-STATE OUTPUT REGISTERS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
logo
Texas Instruments
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com