Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WH Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM2904WH
Description  Low power dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM2904WH Datasheet HTML 4Page - STMicroelectronics LM2904WH Datasheet HTML 5Page - STMicroelectronics LM2904WH Datasheet HTML 6Page - STMicroelectronics LM2904WH Datasheet HTML 7Page - STMicroelectronics LM2904WH Datasheet HTML 8Page - STMicroelectronics LM2904WH Datasheet HTML 9Page - STMicroelectronics LM2904WH Datasheet HTML 10Page - STMicroelectronics LM2904WH Datasheet HTML 11Page - STMicroelectronics LM2904WH Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM2904WH
Ordering information
11/12
5
Ordering information
6
Revision history
Table 5.
Order codes
Order code
Temperature
range
Package
Packing
Marking
JLM2904WH-CD1
-40°C, +150°C
Wafer
LM2904WHD
LM2904WHDT
SO-8
Tube or
Tape & reel
2904WH
LM2904WHYD(1)
LM2904WHYDT(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
SO-8
(Automotive grade)
Tube or
Tape & reel
2904WHY
Table 6.
Document revision history
Date
Revision
Changes
01-Sep-2003
1
Initial release.
01-Jul-2005
2
PPAP references inserted in the datasheet, see Section 5: Ordering
information.
01-Oct-2005
3
Correction of error in AVD min. value in Table 3.
Minor grammatical and formatting changes throughout.
27-Sep- 2006
4
Correction of error in AVD min. value in Table 3.
20-Jul-2007
5
ESD values added in Table 1: Absolute maximum ratings.
Equivalent input noise parameter added in Table 3.
Electrical characteristics curves updated.
Section 4: Package information updated.
07-Apr-2008
6
Added Rthja and Rthjc parameters in Table 1: Absolute maximum
ratings.
Updated format of package information for SO-8.
Corrected marking error in Table 5: Order codes (2904WHY, not
2904WY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com