Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z512A Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48Z512A
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512A Datasheet(HTML) 2 Page - STMicroelectronics

  M48Z512A Datasheet HTML 1Page - STMicroelectronics M48Z512A Datasheet HTML 2Page - STMicroelectronics M48Z512A Datasheet HTML 3Page - STMicroelectronics M48Z512A Datasheet HTML 4Page - STMicroelectronics M48Z512A Datasheet HTML 5Page - STMicroelectronics M48Z512A Datasheet HTML 6Page - STMicroelectronics M48Z512A Datasheet HTML 7Page - STMicroelectronics M48Z512A Datasheet HTML 8Page - STMicroelectronics M48Z512A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
M48Z512A, M48Z512AY
2/17
Figure 2. DIP Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A16
A18
VCC
AI02044
M48Z512A
M48Z512AY
10
1
2
5
6
7
8
9
11
12
13
14
15
16
30
29
26
25
24
23
22
21
20
19
18
17
A12
A14
W
A17
3
4
28
27
32
31
Table 2. Absolute Maximum Ratings (1)
Note: 1. Stresses greater than those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section
of this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect
reliability.
2. Soldering temperature not to exceed 260
°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
Table 3. Operating Modes
Note: 1. X = VIH or VIL;VSO = Battery Back-up Switchover Voltage.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off)
–40 to 70
°C
TBIAS
Temperature Under Bias
–40 to 70
°C
TSLD
(2)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
–0.3 to 7
V
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75V to 5.5V
or
4.5V to 5.5V
VIH
X
X
High Z
Standby
Write
VIL
XVIL
DIN
Active
Read
VIL
VIL
VIH
DOUT
Active
Read
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO
X
X
X
High Z
Battery Back-up Mode
DESCRIPTION
The M48Z512A/512AY ZEROPOWER® RAM is a
non-volatile 4,194,304 bit Static RAM organized
as 524,288 words by 8 bits. The device combines
an internal lithium battery, a CMOS SRAM and a
control circuit in a plastic 32 pin DIP Module.
For surface mount environments ST provides a
Chip Set solution consisting of a 28 pin 330mil
SOIC NVRAM Supervisor (M40Z300) and a 32 pin
TSOP Type II (10 x 20mm) LPSRAM (M68Z512)
packages.
The unique design allows the SNAPHAT battery
package to be mounted on top of the SOIC pack-
age after the completion of the surface mount pro-
cess. Insertion of the SNAPHAT housing after
reflow prevents potential battery damage due to
the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to pre-
vent reverse insertion.
The SNAPHAT battery package is shipped sepa-
rately in plastic anti-static tubes or in Tape & Reel
form. The part number is ”M4Zxx-BR00SH1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com