Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSR256140R1164 Datasheet(PDF) 2 Page - ABB

Part # 2CSR256140R1164
Description  DS203NC C16 A30 - RCBO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSR256140R1164 Datasheet(HTML) 2 Page - ABB

  2CSR256140R1164 Datasheet HTML 1Page - ABB 2CSR256140R1164 Datasheet HTML 2Page - ABB 2CSR256140R1164 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
III
Overvoltage Category
2
Pollution Degree
50...60 Hz
Rated Frequency (f)
(230 / 400 V AC) 6 kA
Rated Short-Circuit
Capacity (Icn)
10 kA
Rated Ultimate Short-
Circuit Breaking Capacity
(Icu)
C
Tripping Characteristic
3
Energy Limiting Class
10000 cycle
Electrical Endurance
20000 cycle
IP2X
Degree of Protection
Busbar 10 mm²
Rigid 25 …25 mm²
Flexible 25 …25 mm²
Connecting Capacity
Arbitrary
Power Supply Connection
Right
Position of Neutral
Terminals
10 W
Power Loss
Environmental
Operation -25...55 °C
Ambient Air Temperature
Following EU Directive 2011/65/EU
RoHS Status
Technical UL/CSA
0.03 A
Short-Circuit Current
Rating (SCCR)
Dimensions
0.071 m
Product Net Width
0.085 m
Product Net Height
0.069 m
Product Net Depth /
Length
0.480 kg
Product Net Weight
Container Information
1 piece
Package Level 1 Units
0.076 m
Package Level 1 Width
0.096 m
Package Level 1 Height
0.073 m
Package Level 1 Depth /
Length
0.530 kg
Package Level 1 Gross
Weight
8012542830924
Package Level 1 EAN
2
DS203NC C16 A30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com