Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F200 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29F200
Description  2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F200 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29F200 Datasheet HTML 14Page - STMicroelectronics M29F200 Datasheet HTML 15Page - STMicroelectronics M29F200 Datasheet HTML 16Page - STMicroelectronics M29F200 Datasheet HTML 17Page - STMicroelectronics M29F200 Datasheet HTML 18Page - STMicroelectronics M29F200 Datasheet HTML 19Page - STMicroelectronics M29F200 Datasheet HTML 20Page - STMicroelectronics M29F200 Datasheet HTML 21Page - STMicroelectronics M29F200 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
M29F200BT, M29F200BB
Figure 12. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Outline
Drawing is not to scale.
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1
Table 18. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Mechanical Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.42
2.62
0.095
0.103
A1
0.22
0.23
0.009
0.010
A2
2.25
2.35
0.089
0.093
B
0.50
0.020
C
0.10
0.25
0.004
0.010
D
28.10
28.30
1.106
1.114
E
13.20
13.40
0.520
0.528
e
1.27
–
–
0.050
–
–
H
15.90
16.10
0.626
0.634
L
0.80
–
–
0.031
–
–
α
3
°
––
3
°
––
N44
44
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com