Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP8056P Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CP8056P
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP8056P Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CP8056P Datasheet HTML 17Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 18Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 19Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 20Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 21Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 22Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 23Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 24Page - List of Unclassifed Manufacturers CP8056P Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
CHENGPIN
CP8056
P.21/
CP8056
TABLE 2.1: Reset Conditions for All Registers
Register
Address
Power-on Reset
Brown-out Reset
RSTB Reset
WDT Reset
ACC
N/A
xxxx xxxx
uuuu uuuu
OPTION
N/A
-011 1111
-011 1111
IOSTA
N/A
---- 1111
---- 1111
IOSTB
N/A
1111 1111
1111 1111
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PCL
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000# #uuu
FSR
04h
11xx xxxx
11uu uuuu
PORTA
05h
---- xxxx
---- uuuu
PORTB
06h
xxxx xxxx
uuuu uuuu
General Purpose Register
07h
xxxx xxxx
uuuu uuuu
PCON
08h
1010 ----
1010 ----
WUCON
09h
0000 0000
0000 0000
PCHBUF
0Ah
54: ---- ---0
56: ---- --00
54: ---- ---0
56: ---- --00
PDCON
0Bh
1111 1111
1111 1111
ODCON
0Ch
0000 0000
0000 0000
PHCON
0Dh
1111 1111
1111 1111
INTEN
0Eh
0--- -000
0--- -000
INTFLAG
0Fh
---- -000
---- -000
General Purpose Registers
10 ~ 3Fh
xxxx xxxx
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented,
# = refer to the following table for possible values.
TABLE 2.2: TO / PD Status after Reset
TO
PD
RESET was caused by
1
1
Power-on Reset
1
1
Brown-out reset
u
u
RSTB Reset during normal operation
1
0
RSTB Reset during SLEEP
0
1
WDT Reset during normal operation
0
0
WDT Reset during SLEEP
Legend: u = unchanged
TABLE 2.3: Events Affecting TO / PD Status Bits
Event
TO
PD
Power-on
1
1
WDT Time-Out
0
u
SLEEP instruction
1
0
CLRWDT instruction
1
1
Legend: u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com