Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640ECT85ZB6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # M28W640ECT85ZB6F
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT85ZB6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M28W640ECT85ZB6F Datasheet HTML 18Page - STMicroelectronics M28W640ECT85ZB6F Datasheet HTML 19Page - STMicroelectronics M28W640ECT85ZB6F Datasheet HTML 20Page - STMicroelectronics M28W640ECT85ZB6F Datasheet HTML 21Page - STMicroelectronics M28W640ECT85ZB6F Datasheet HTML 22Page - STMicroelectronics M28W640ECT85ZB6F Datasheet HTML 23Page - STMicroelectronics M28W640ECT85ZB6F Datasheet HTML 24Page - STMicroelectronics M28W640ECT85ZB6F Datasheet HTML 25Page - STMicroelectronics M28W640ECT85ZB6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
M28W640ECT, M28W640ECB
22/55
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC characteristics Tables that follow, are de-
rived from tests performed under the Measure-
ment
Conditions
summarized
in
Table
13,
Operating and AC Measurement Conditions. De-
signers should check that the operating conditions
in their circuit match the measurement conditions
when relying on the quoted parameters.
Table 13. Operating and AC Measurement Conditions
Note: 1. To be characterized.
Figure 7. AC Measurement I/O Waveform
Figure 8. AC Measurement Load Circuit
Table 14. Capacitance
Note: Sampled only, not 100% tested.
M28W640ECT, M28W640ECB
Parameter
70(1)
85
90
10
Units
Min
Max
Min
Max
Min
Max
Min
Max
VDD Supply Voltage
3.0
3.6
3.0
3.6
2.7
3.6
2.7
3.6
V
VDDQ Supply Voltage (VDDQ ≤
VDD)
1.65
3.6
1.65
3.6
1.65
3.6
1.65
3.6
V
Ambient Operating Temperature
– 40
85
– 40
85
– 40
85
– 40
85
°C
Load Capacitance (CL)
50
50
50
50
pF
Input Rise and Fall Times
5
5
5
5
ns
Input Pulse Voltages
0 to VDDQ
0 to VDDQ
0 to VDDQ
0 to VDDQ
V
Input and Output Timing Ref.
Voltages
VDDQ/2
VDDQ/2
VDDQ/2
VDDQ/2
V
AI00610
VDDQ
0V
VDDQ/2
AI00609C
VDDQ
CL
CL includes JIG capacitance
25k
Ω
DEVICE
UNDER
TEST
0.1µF
VDD
0.1µF
VDDQ
25k
Ω
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com