Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP8056S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CP8056S
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP8056S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CP8056S Datasheet HTML 3Page - List of Unclassifed Manufacturers CP8056S Datasheet HTML 4Page - List of Unclassifed Manufacturers CP8056S Datasheet HTML 5Page - List of Unclassifed Manufacturers CP8056S Datasheet HTML 6Page - List of Unclassifed Manufacturers CP8056S Datasheet HTML 7Page - List of Unclassifed Manufacturers CP8056S Datasheet HTML 8Page - List of Unclassifed Manufacturers CP8056S Datasheet HTML 9Page - List of Unclassifed Manufacturers CP8056S Datasheet HTML 10Page - List of Unclassifed Manufacturers CP8056S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
CHENGPIN
CP8056
P.7/
CP8056
2.1.2 TMR0 (Time Clock/Counter register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
01h (r/w)
TMR0
8-bit real-time clock/counter
The Timer0 is a 8-bit timer/counter. The clock source of Timer0 can come from the instruction cycle clock or by an
external clock source (T0CKI pin) defined by T0CS bit (OPTION<5>). If T0CKI pin is selected, the Timer0 is
increased by T0CKI signal rising/falling edge (selected by T0SE bit (OPTION<4>)).
The prescaler is assigned to Timer0 by clearing the PSA bit (OPTION<3>). In this case, the prescaler will be cleared
when TMR0 register is written with a value.
2.1.3 PCL (Low Bytes of Program Counter) & Stack
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
02h (r/w)
PCL
Low order 8 bits of PC
CP8056 devices have 10-bit wide Program Counter (PC) and five-level deep 10-bit hardware push/pop stack. The
low byte of PC is called the PCL register. This register is readable and writable. The high byte of PC is called the
PCH register. This register contains the PC<9:8> bits and is not directly readable or writable. All updates to the PCH
register go through the PCHBUF register. As a program instruction is executed, the Program Counter will contain
the address of the next program instruction to be executed. The PC value is increased by one, every instruction
cycle, unless an instruction changes the PC.
For a GOTO instruction, the PC<9:0> is provided by the GOTO instruction word. The PCL register is mapped to
PC<7:0>, and the PCHBUF register is not updated.
For a CALL instruction, the PC<9:0> is provided by the CALL instruction word. The next PC will be loaded (PUSHed)
onto the top of STACK. The PCL register is mapped to PC<7:0>, and the PCHBUF register is not updated.
For a RETIA, RETFIE, or RETURN instruction, the PC are updated (POPed) from the top of STACK. The PCL
register is mapped to PC<7:0>, and the PCHBUF register is not updated.
For any instruction where the PCL is the destination, the PC<7:0> is provided by the instruction word. However, the
PC<9:8> will come from the PCHBUF<1:0> register (PCHBUF
PCH).
PCHBUF register is never updated with the contents of PCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com