Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-336T Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # HT-336T
Description  Ratchet Crimping Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

HT-336T Datasheet(HTML) 1 Page - Premier Farnell Limited.

  HT-336T Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
24/10/12
Ratchet Crimping Tool
Dimensions : Inches (Millimetres)
Specifications:
Material
: Frame-made of middle carbon steel
Crimper-made of powder alloy
Hardness : Crimper and frame
Length
: 8.7” (220 ±3 mm)
Weight
: 500g
For Crimping RG 174, 178, 179, 180, 187, 196, 316 type cable
Description
Part Number
Crimp Tool, MMCX
HT-336T
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - HT-336T

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
HT-336G DURATOOL-HT-336G Datasheet
189Kb / 1P
Ratchet Crimping Tool
09/08/16 V1.0
More results

Similar Description - HT-336T

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
COAXIAL CRIMPING TOOL
logo
List of Unclassifed Man...
HT-225D ETC2-HT-225D Datasheet
23Kb / 1P
Ratchet Crimping Tool
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
RATCHET TOOL
logo
List of Unclassifed Man...
HTS2500 ETC2-HTS2500 Datasheet
290Kb / 1P
Ratchet Action Modular Plug Crimping Tool
D00125 ETC2-D00125 Datasheet
31Kb / 1P
Modular Ratchet Crimp Tool
logo
Rosenberger Hochfrequen...
11W161-800 ROSENBERGER-11W161-800 Datasheet
681Kb / 3P
Crimping Tool
logo
Weidmuller
9028740000 WEIDMULLER-9028740000 Datasheet
62Kb / 2P
Assortment crimping tool, Crimping tool: PZ 6/5
September 28, 2021
9028770000 WEIDMULLER-9028770000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028780000 WEIDMULLER-9028780000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028790000 WEIDMULLER-9028790000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX Plus
September 28, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com