Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW002 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M50FW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW002 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M50FW002 Datasheet HTML 14Page - STMicroelectronics M50FW002 Datasheet HTML 15Page - STMicroelectronics M50FW002 Datasheet HTML 16Page - STMicroelectronics M50FW002 Datasheet HTML 17Page - STMicroelectronics M50FW002 Datasheet HTML 18Page - STMicroelectronics M50FW002 Datasheet HTML 19Page - STMicroelectronics M50FW002 Datasheet HTML 20Page - STMicroelectronics M50FW002 Datasheet HTML 21Page - STMicroelectronics M50FW002 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
M50FW002
18/39
Table 11. Firmware Hub Register Configuration Map (1)
Mnemonic
Register Name
Memory
Address
Default
Value
Access
T_BLOCK_LK
Top Block Lock Register (Block 6)
FBFC002h
01h
R/W
T_MINUS01_LK
Top Block [-1] Lock Register (Block 5)
FBFA002h
01h
R/W
T_MINUS02_LK
Top Block [-2] Lock Register (Block 4)
FBF8002h
01h
R/W
T_MINUS03_LK
Top Block [-3] Lock Register (Block 3)
FBF0002h
01h
R/W
T_MINUS04_LK
Top Block [-4] Lock Register (Block 2)
FBE0002h
01h
R/W
T_MINUS05_LK
Top Block [-5] Lock Register (Block 1)
FBD0002h
01h
R/W
T_MINUS06_LK
Top Block [-6] Lock Register (Block 0)
FBC0002h
01h
R/W
FGPI_REG
Firmware Hub (FWH) General Purpose Input Register
FBC0100h
N/A
R
MANUF_REG
Manufacturer Code Register
FBC0000h
20h
R
DEV_REG
Device Code Register
FBC0001h
29h
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com