Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

608-R009 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 608-R009
Description  Long length Tape Measures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

608-R009 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  608-R009 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Long length Tape Measures
Ì PVC coated fibre glass tape
Ì Excellent resistance to moisture
Ì Long wearing material
Ì Easy to read markings
Ì 13mm wide for ease of reading
Ì 0.5mm thick
Ì Heat sealed markings for longer life
Ì Metric and Imperial markings
223059
Price Each
Size
Order Code
30m/100ft
312-7758


Similar Part No. - 608-R009

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
608-00100 HELLERMANNTYTON-608-00100 Datasheet
24Kb / 1P
Chloroprene (CR)
V01/01.08.07
608-00150 HELLERMANNTYTON-608-00150 Datasheet
24Kb / 1P
Chloroprene (CR)
V01/01.08.07
608-00200 HELLERMANNTYTON-608-00200 Datasheet
24Kb / 1P
Chloroprene (CR)
V01/01.08.07
608-00250 HELLERMANNTYTON-608-00250 Datasheet
24Kb / 1P
Chloroprene (CR)
V01/01.08.07
608-00300 HELLERMANNTYTON-608-00300 Datasheet
24Kb / 1P
Chloroprene (CR)
V01/01.08.07
More results

Similar Description - 608-R009

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
Measures Bit Error Rate
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407 Datasheet
445Kb / 17P
Measures Both Current and Voltage
Rev 0; 11/14
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
Measures differential, gage pressure, or vacuum
logo
Infineon Technologies A...
TLE4929C-XHA-M18N INFINEON-TLE4929C-XHA-M18N Datasheet
1Mb / 34P
Measures speed and position of tooth/pole wheels
Datasheet 1.0 2020-09-29
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
Measures and Displays Remote and Internal
Rev 0; 12/00
MAX6654EVSYS MAXIM-MAX6654EVSYS Datasheet
151Kb / 5P
Measures and Displays Remote Sensor
Rev 0; 5/01
logo
Analog Devices
ADBMS6948 AD-ADBMS6948 Datasheet
140Kb / 2P
Measures up to 16 Battery Cells in series
logo
Schneider Electric
IMV25 SCHNEIDER-IMV25 Datasheet
107Kb / 2P
Measures pressure, differential pressure and process temperature
Apr 26, 2022
logo
Molex Electronics Ltd.
1300950188 MOLEX-1300950188 Datasheet
169Kb / 1P
PULLING GRIPS MEDIUM/HEAVY DUTY LONG LENGTH
2014/10/14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com