Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080K5P Datasheet(PDF) 42 Page - STMicroelectronics

Part # M50FW080K5P
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080K5P Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M50FW080K5P Datasheet HTML 38Page - STMicroelectronics M50FW080K5P Datasheet HTML 39Page - STMicroelectronics M50FW080K5P Datasheet HTML 40Page - STMicroelectronics M50FW080K5P Datasheet HTML 41Page - STMicroelectronics M50FW080K5P Datasheet HTML 42Page - STMicroelectronics M50FW080K5P Datasheet HTML 43Page - STMicroelectronics M50FW080K5P Datasheet HTML 44Page - STMicroelectronics M50FW080K5P Datasheet HTML 45Page - STMicroelectronics M50FW080K5P Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
DC and AC parameters
M50FW080
42/55
Figure 12.
Reset AC waveforms
Table 23.
Reset AC characteristics
Symbol
Parameter
Test Condition
Value
Unit
tPLPH
RP or INIT Reset Pulse Width
Min
100
ns
tPLRH
RP or INIT Low to Reset
Program/Erase
Inactive
Max
100
ns
Program/Erase Active
Max
30
µs
RP or INIT Slew Rate(1)
1.
See Chapter 4 of the PCI Specification.
Rising edge only
Min
50
mV/ns
tPHFL
RP or INIT High to FWH4 Low
FWH Interface only
Min
30
µs
tPHWL
tPHGL
RP High to Write Enable or
Output Enable Low
A/A Mux Interface only
Min
50
µs
AI03420
RP, INIT
W, G, FWH4
tPLPH
RB
tPLRH
tPHWL, tPHGL, tPHFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com