Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002K Datasheet(PDF) 37 Page - STMicroelectronics

Part # M50LPW002K
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002K Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M50LPW002K Datasheet HTML 31Page - STMicroelectronics M50LPW002K Datasheet HTML 32Page - STMicroelectronics M50LPW002K Datasheet HTML 33Page - STMicroelectronics M50LPW002K Datasheet HTML 34Page - STMicroelectronics M50LPW002K Datasheet HTML 35Page - STMicroelectronics M50LPW002K Datasheet HTML 36Page - STMicroelectronics M50LPW002K Datasheet HTML 37Page - STMicroelectronics M50LPW002K Datasheet HTML 38Page - STMicroelectronics M50LPW002K Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
37/39
M50LPW002
PART NUMBERING
Table 27. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to 1. For a list of available op-
tions (Speed, Package, etc...) or for further information on any aspect of this device, please contact your
nearest ST Sales Office.
Example:
M50LPW002
K
1
T
Device Type
M50
Architecture
LP = Low Pin Count Interface
Operating Voltage
W = 3.0 to 3.6V
Device Function
002 = 2 Mbit (256Kb x8), Boot Block
Package
K = PLCC32
Temperature Range
1 = 0 to 70 °C
5 = –20 to 85°C
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com