Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBS21 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LNBS21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBS21 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LNBS21 Datasheet HTML 11Page - STMicroelectronics LNBS21 Datasheet HTML 12Page - STMicroelectronics LNBS21 Datasheet HTML 13Page - STMicroelectronics LNBS21 Datasheet HTML 14Page - STMicroelectronics LNBS21 Datasheet HTML 15Page - STMicroelectronics LNBS21 Datasheet HTML 16Page - STMicroelectronics LNBS21 Datasheet HTML 17Page - STMicroelectronics LNBS21 Datasheet HTML 18Page - STMicroelectronics LNBS21 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LNBS21
15/21
Figure 32: DC/DC Converter Efficiency vs
Temperature
Figure 33: Current Limit Sense vs Temperature
Figure 34: 22kHz Tone
Figure 35: DSQIN Tone Enable Transient
Response
Figure 36: DSQIN Tone Enable Transient
Response
Figure 37: DSQIN Tone Disable Transient
Response
VCC=12V, IO=50mA, EN=TEN=1
VCC=12V, IO=50mA, EN=1, TEN=0
VCC=12V, IO=50mA, EN=1, TEN=0
VCC=12V, IO=50mA, EN=1, TEN=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com