Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR2010CT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STPR2010CT
Description  Ultra Fast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STPR2010CT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STPR2010CT Datasheet HTML 1Page - List of Unclassifed Manufacturers STPR2010CT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPR2010CT thru STPR2020CT
FEATURES
* Glass passivated chip
* Superfast switching time for high efficiency
* Low forward voltage drop and high current capability
* Low reverse leakage current
* High surge capacity
MECHANICAL DATA
* Case: TO-220AB molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
STPR2010CT
STPR2020CT
VRRM
V
100
200
VRMS
V
70
140
VDC
V
100
200
A=Anode, C=Cathode, TAB=Cathode
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=95 C
IFSM
Maximum Forward Voltage At
Pulse Width=300us
2% Duty Cycle
IF=10A @TJ=25 C
IF=10A @TJ=125 C
IF=20A @TJ=25 C
IF=20A @TJ=125 C
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=100 C
CJ
Typical Junction Capacitance Per Element (Note 1)
TRR
Maximum Reverse Recovery Time (Note 2)
Typical Thermal Resistance (Note 3)
TJ, TSTG
Operating And Storage Temperature Range
Maximum Ratings
20
125
1.1
1.0
1.25
1.20
5
100
100
35
1.5
-55 to +150
A
A
V
Unit
uA
pF
ns
o
o
o
o
o
o
ROJC
C/W
o
C
o
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
3. Thermal Resistance Junction To Case.
A
A
C
C(TAB)
A
C
A
o
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Ultra Fast Recovery Diodes


Similar Part No. - STPR2010CT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Semiconduct...
STPR2010CT SIRECTIFIER-STPR2010CT Datasheet
95Kb / 2P
Ultra Fast Recovery Diodes
More results

Similar Description - STPR2010CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
Ultra Fast Recovery Diodes
logo
Nanjing International G...
MUR15100 DGNJDZ-MUR15100 Datasheet
137Kb / 3P
Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
MUR1020CT SIRECTIFIER-MUR1020CT Datasheet
259Kb / 2P
Ultra Fast Recovery Diodes
MUR2040C SIRECTIFIER-MUR2040C Datasheet
417Kb / 2P
Ultra Fast Recovery Diodes
MUR3040 SIRECTIFIER-MUR3040_16 Datasheet
337Kb / 3P
Ultra Fast Recovery Diodes
MUR60120 SIRECTIFIER-MUR60120_16 Datasheet
210Kb / 3P
Ultra Fast Recovery Diodes
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com