Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR2020CT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STPR2020CT
Description  Ultra Fast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STPR2020CT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STPR2020CT Datasheet HTML 1Page - List of Unclassifed Manufacturers STPR2020CT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STPR2010CT thru STPR2020CT
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
25
50
75
100
125
150
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
5
0
50
20
175
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
120
0
.01
1.0
10
1000
100
60
100
TJ = 100 C
0.1
TJ = 25 C
Single Half-Sine-Wave
(JEDEC METHOD)
15
0
10
RESISTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
PULSE WIDTH 300ua
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
1000
100
10
0.1
CASE TEMPERATURE , C
TJ = 125 C
TJ = 125 C
4
TJ = 25 C, f= 1MHz
Ultra Fast Recovery Diodes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com