Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR2045CT
Description  SWITCHMODE Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2045CT Datasheet(HTML) 3 Page - ON Semiconductor

  MBR2045CT Datasheet HTML 1Page - ON Semiconductor MBR2045CT Datasheet HTML 2Page - ON Semiconductor MBR2045CT Datasheet HTML 3Page - ON Semiconductor MBR2045CT Datasheet HTML 4Page - ON Semiconductor MBR2045CT Datasheet HTML 5Page - ON Semiconductor MBR2045CT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR2045CT
http://onsemi.com
3
Figure 1. Typical Forward Voltage
1.2
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
70
5.0
10
3.0
1.0
0.6
0.2
0.4
0.8
1.0
1.4
2.0
20
0.1
0.5
0.7
30
7.0
0.3
50
TJ = 150°C
Figure 2. Maximum Forward Voltage
0.2
1.2
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
70
5.0
10
3.0
1.0
0.6
0.2
0.4
0.8
1.0
0.0
2.0
20
0.1
0.5
0.7
30
7.0
0.3
50
TJ = 150°C
0.2
125°C
25°C
125°C
25°C
0.7
0.3
0.5
0.9
1.1
0.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com