Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW041 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M50LPW041
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW041 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M50LPW041 Datasheet HTML 13Page - STMicroelectronics M50LPW041 Datasheet HTML 14Page - STMicroelectronics M50LPW041 Datasheet HTML 15Page - STMicroelectronics M50LPW041 Datasheet HTML 16Page - STMicroelectronics M50LPW041 Datasheet HTML 17Page - STMicroelectronics M50LPW041 Datasheet HTML 18Page - STMicroelectronics M50LPW041 Datasheet HTML 19Page - STMicroelectronics M50LPW041 Datasheet HTML 20Page - STMicroelectronics M50LPW041 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17/37
M50LPW041
Table 15. Low Pin Count Register Configuration Map (1)
Note: 1. This map is referred to the boot memory (ID0-ID3 floating or driven, Low).
Mnemonic
Register Name
Memory Address
Default
Value
Access
Top
Bottom
T_BLOCK_LK
Top Block Lock Register (Block 7)
FF7F0002h
008F0002h
01h
R/W
T_MINUS01_LK
Top Block [-1] Lock Register (Block 6)
FF7E0002h
008E0002h
01h
R/W
T_MINUS02_LK
Top Block [-2] Lock Register (Block 5)
FF7D0002h
008D0002h
01h
R/W
T_MINUS03_LK
Top Block [-3] Lock Register (Block 4)
FF7C0002h
008C0002h
01h
R/W
T_MINUS04_LK
Top Block [-4] Lock Register (Block 3)
FF7B0002h
008B0002h
01h
R/W
T_MINUS05_LK
Top Block [-5] Lock Register (Block 2)
FF7A0002h
008A0002h
01h
R/W
T_MINUS06_LK
Top Block [-6] Lock Register (Block 1)
FF790002h
00890002h
01h
R/W
T_MINUS07_LK
Top Block [-7] Lock Register (Block 0)
FF780002h
00880002h
01h
R/W
GPI_REG
General Purpose Input Register
FF7C0100h
008C0100h
N/A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com