Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS310 Datasheet(PDF) 10 Page - ABB

Part # ACS310
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS310 Datasheet(HTML) 10 Page - ABB

Back Button ACS310 Datasheet HTML 6Page - ABB ACS310 Datasheet HTML 7Page - ABB ACS310 Datasheet HTML 8Page - ABB ACS310 Datasheet HTML 9Page - ABB ACS310 Datasheet HTML 10Page - ABB ACS310 Datasheet HTML 11Page - ABB ACS310 Datasheet HTML 12Page - ABB ACS310 Datasheet HTML 13Page - ABB ACS310 Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10 ABB general purpose drives ACS310 | Catalog
Dimensions and weights
H1
H2
H3
D
W
H4
H5
W
D
H1 = Height without fastenings and clamping plate
H2 = Height with fastenings but without clamping plate
H3 = Height with fastenings and clamping plate
W = Width
D = Depth
H4 = Height with fastenings and NEMA 1 connection box
H5 = Height with fastenings, NEMA 1 connection box and hood
W = Width
D = Depth
Cabinet-mounted drives (IP20 UL open)
Frame size
IP20 UL open
H1
mm
H2
mm
H3
mm
W
mm
D
mm
Weight
kg
R0
169
202
239
70
161
1.1
R1
169
202
239
70
161
1.3
R2
169
202
239
105
165
1.5
R3
169
202
236
169
169
2.9
R4
181
202
244
260
169
4.4
Wall-mounted drives (NEMA 1)
Frame size
NEMA 1
H4
mm
H5
mm
W
mm
D
mm
Weight
kg
R0
257
280
70
169
1.5
R1
257
280
70
169
1.7
R2
257
282
105
169
1.9
R3
260
299
169
177
3.5
R4
270
320
260
177
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com