Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080K Datasheet(PDF) 40 Page - STMicroelectronics

Part # M50LPW080K
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080K Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M50LPW080K Datasheet HTML 36Page - STMicroelectronics M50LPW080K Datasheet HTML 37Page - STMicroelectronics M50LPW080K Datasheet HTML 38Page - STMicroelectronics M50LPW080K Datasheet HTML 39Page - STMicroelectronics M50LPW080K Datasheet HTML 40Page - STMicroelectronics M50LPW080K Datasheet HTML 41Page - STMicroelectronics M50LPW080K Datasheet HTML 42Page - STMicroelectronics M50LPW080K Datasheet HTML 43Page - STMicroelectronics M50LPW080K Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
M50LPW080
40/44
Figure 20. Chip Erase Flowchart and Pseudo Code (A/A Mux Interface Only)
Note: If an error is found, the Status Register must be cleared before further Program/Erase Controller operations.
Write 80h
AI04195
Start
Write 10h
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
NO
b4, b5 = 0
VPP Invalid
Error (1)
Command
Sequence Error (1)
Chip Erase command:
– write 80h
– write 10h
(memory enters read Status Register after
the Chip Erase command)
do:
– read Status Register
while b7 = 1
If b3 = 1, VPP invalid error:
– error handler
If b4, b5 = 1, Command sequence error:
– error handler
YES
NO
b5 = 0
Erase Error (1)
If b5 = 1, Erase error:
– error handler
End
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com