Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30TPS16 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 30TPS16
Description  isc Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

30TPS16 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  30TPS16 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 30TPS16 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 30TPS16 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc
Thyristor
30TPS16
www.iscsemi.com
1
FEATURES
·
Glass passivation technology for high reliability
·
Junction temperature up to 125 °C
·
Industrial level qualified, lead-free (PbF)
APPLICATIONS
·
Medium power switching
·
Phase control
·
input rectification (soft start)
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
1600
V
VRRM
Repetitive peak off-state voltage
1600
V
ITAV
Average forward current,TC = 95℃, 180°conduction half sine wave
20
A
IRSM
Maximum RMS on-state current
30
A
ITSM
Max. forward surge current
t= 10ms, rated VRRM applied
250
A
t= 10ms,no voltage reapplied
300
A
I2t
I2t Value for Fusing
10 ms sine pulse, rated VRRM applied
310
A2S
10 ms sine pulse, no voltage reapplied
442
A2S
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~125
℃
Rth(j-c)
Thermal resistance, junction to case
0.8
℃
/W
dV/dt
Maximum rate of rise of off-state voltage
500
V/us
dI/dt
Maximum rate of rise of turned-on current
150
A/us


Similar Part No. - 30TPS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30TPS16 IRF-30TPS16 Datasheet
75Kb / 6P
PHASE CONTROL SCR
logo
Vishay Siliconix
30TPS16 VISHAY-30TPS16 Datasheet
139Kb / 7P
Phase Control SCR, 20 A
06-Jun-08
30TPS16 VISHAY-30TPS16 Datasheet
144Kb / 7P
Phase Control SCR, 20 A
12-Aug-08
logo
International Rectifier
30TPS16PBF IRF-30TPS16PBF Datasheet
104Kb / 7P
PHASE CONTROL SCR Lead-Free
logo
Vishay Siliconix
30TPS16PBF VISHAY-30TPS16PBF Datasheet
139Kb / 7P
Phase Control SCR, 20 A
06-Jun-08
More results

Similar Description - 30TPS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
logo
Inchange Semiconductor ...
CR12PM-12B-IST4003 ISC-CR12PM-12B-IST4003 Datasheet
297Kb / 2P
ISC Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com