Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTS/001 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # LDTS/001
Description  HSS TiN Coated Jobber Drill Sets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

LDTS/001 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  LDTS/001 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Number
Price Each
Of Drills
Contents
Case
Order Code
1+
19
1.0 - 10 x 0.5mm
Metal
147-2049
38.03
25
1.0 - 13 x 0.5mm
Metal
150-6403
61.67
51
1.0 - 6 x 0.1mm
Metal
105-8461
35.47
41
6.0 - 10 x 0.1mm
Metal
105-8462
70.00
21
1/16 - 3/8 x 1/64"
Metal
105-8463
24.80
29
1/16 - 1/2 x 1/64"
Metal
105-8464
52.00
13
1.5 - 6.5"
Plastic
105-8465
4.80
7
1/16 - 1/4"
Plastic
105-8466
4.60
13
1.0 - 13 x 0.5
Plastic
105-8467
4.80
DIN 338/BS 328
High speed steel TiN coated jobber drill sets
Right hand cutting.
492279
HSS TiN Coated Jobber Drill Sets


Similar Part No. - LDTS/001

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
LDTS/002 DURATOOL-LDTS/002 Datasheet
28Kb / 1P
Metric HSS TiN Drill Set
LDTS/003 DURATOOL-LDTS/003 Datasheet
24Kb / 1P
Jobber Drill Sets
LDTS/004 DURATOOL-LDTS/004 Datasheet
24Kb / 1P
Jobber Drill Sets
LDTS/006 DURATOOL-LDTS/006 Datasheet
24Kb / 1P
Jobber Drill Sets
More results

Similar Description - LDTS/001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105150-1 MACOM-2-1105150-1 Datasheet
86Kb / 1P
PIN CONTACT SERIES HSS
2-1105151-1 MACOM-2-1105151-1 Datasheet
97Kb / 1P
SOCKET CONTACT SERIES HSS
2-1104200-3 MACOM-2-1104200-3 Datasheet
39Kb / 1P
Male insert HSS.8 Stifteinsatz HSS.8
2-1104202-3 MACOM-2-1104202-3 Datasheet
39Kb / 1P
Female insert HSS.8 Buchseneinsatz HSS.8
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
DT7926-XJ ETC1-DT7926-XJ Datasheet
110Kb / 2P
EXTREME 2??Metal Drill Bit Sets
logo
SparkFun Electronics
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com