Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040K1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M50FW040K1
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040K1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M50FW040K1 Datasheet HTML 17Page - STMicroelectronics M50FW040K1 Datasheet HTML 18Page - STMicroelectronics M50FW040K1 Datasheet HTML 19Page - STMicroelectronics M50FW040K1 Datasheet HTML 20Page - STMicroelectronics M50FW040K1 Datasheet HTML 21Page - STMicroelectronics M50FW040K1 Datasheet HTML 22Page - STMicroelectronics M50FW040K1 Datasheet HTML 23Page - STMicroelectronics M50FW040K1 Datasheet HTML 24Page - STMicroelectronics M50FW040K1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21/41
M50FW040
PROGRAM AND ERASE TIMES
The Program and Erase times are shown in Table
12.
Table 12. Program and Erase Times
Note: 1. TA = 25°C, VCC = 3.3V
2. Sampled only, not 100% tested.
Parameter
Test Condition
Min
Typ (1)
Max
Unit
Byte Program
10
200
µs
Block Program
0.4
5
sec
Block Erase
VPP = 12V ± 5%
0.75
8
sec
VPP = VCC
110
sec
Program/Erase Suspend to Program pause(2)
5
µs
Program/Erase Suspend to Block Erase pause(2)
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com