Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW116N Datasheet(PDF) 16 Page - STMicroelectronics

Part # M50LPW116N
Description  16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW116N Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M50LPW116N Datasheet HTML 12Page - STMicroelectronics M50LPW116N Datasheet HTML 13Page - STMicroelectronics M50LPW116N Datasheet HTML 14Page - STMicroelectronics M50LPW116N Datasheet HTML 15Page - STMicroelectronics M50LPW116N Datasheet HTML 16Page - STMicroelectronics M50LPW116N Datasheet HTML 17Page - STMicroelectronics M50LPW116N Datasheet HTML 18Page - STMicroelectronics M50LPW116N Datasheet HTML 19Page - STMicroelectronics M50LPW116N Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
M50LPW116
16/36
Table 14. Low Pin Count Register Configuration Map (1)
Note: 1. This map is referred to the boot memory (ID0-ID3 floating or driven Low, VIL, and A21,A23-A25 set to ‘1’).
Mnemonic
Register Name
Memory
Address
Default
Value
Access
T_BLOCK_LK
Top Block Lock Register (Block 49)
FFBFC002h
01h
R/W
T_MINUS01_LK
Top Block[-01] Lock Register (Block 48)
FFBFA002h
01h
R/W
T_MINUS02_LK
Top Block[-02] Lock Register (Block 47)
FFBF8002h
01h
R/W
T_MINUS03_LK
Top Block[-03] Lock Register (Block 46)
FFBF0002h
01h
R/W
T_MINUS04_LK
Top Block[-04] Lock Register (Block 45)
FFBE0002h
01h
R/W
T_MINUS05_LK
Top Block[-05] Lock Register (Block 44)
FFBD0002h
01h
R/W
T_MINUS06_LK
Top Block[-06] Lock Register (Block 43)
FFBC0002h
01h
R/W
T_MINUS07_LK
Top Block[-07] Lock Register (Block 42)
FFBB0002h
01h
R/W
T_MINUS08_LK
Top Block[-08] Lock Register (Block 41)
FFBA0002h
01h
R/W
T_MINUS09_LK
Top Block[-09] Lock Register (Block 40)
FFB90002h
01h
R/W
T_MINUS00_LK
Top Block[-10] Lock Register (Block 39)
FFB80002h
01h
R/W
T_MINUS11_LK
Top Block[-11] Lock Register (Block 38)
FFB70002h
01h
R/W
T_MINUS12_LK
Top Block[-12] Lock Register (Block 37)
FFB60002h
01h
R/W
T_MINUS13_LK
Top Block[-13] Lock Register (Block 36)
FFB50002h
01h
R/W
T_MINUS14_LK
Top Block[-14] Lock Register (Block 35)
FFB40002h
01h
R/W
T_MINUS15_LK
Top Block[-15] Lock Register (Block 34)
FFB30002h
01h
R/W
T_MINUS16_LK
Top Block[-16] Lock Register (Block 33)
FFB20002h
01h
R/W
T_MINUS17_LK
Top Block[-17] Lock Register (Block 32)
FFB10002h
01h
R/W
T_MINUS18_LK
Top Block[-18] Lock Register (Block 31)
FFB00002h
01h
R/W
T_MINUS19_LK
Top Block[-19] Lock Register (Block 30)
FFAF0002h
01h
R/W
T_MINUS20_LK
Top Block[-20] Lock Register (Block 29)
FFAE0002h
01h
R/W
T_MINUS21_LK
Top Block[-21] Lock Register (Block 28)
FFAD0002h
01h
R/W
T_MINUS22_LK
Top Block[-22] Lock Register (Block 27)
FFAC0002h
01h
R/W
T_MINUS23_LK
Top Block[-23] Lock Register (Block 26)
FFAB0002h
01h
R/W
T_MINUS24_LK
Top Block[-24] Lock Register (Block 25)
FFAA0002h
01h
R/W
T_MINUS25_LK
Top Block[-25] Lock Register (Block 24)
FFA90002h
01h
R/W
T_MINUS26_LK
Top Block[-26] Lock Register (Block 23)
FFA80002h
01h
R/W
T_MINUS27_LK
Top Block[-27] Lock Register (Block 22)
FFA70002h
01h
R/W
T_MINUS28_LK
Top Block[-28] Lock Register (Block 21)
FFA60002h
01h
R/W
T_MINUS29_LK
Top Block[-29] Lock Register (Block 20)
FFA50002h
01h
R/W
T_MINUS30_LK
Top Block[-30] Lock Register (Block 19)
FFA40002h
01h
R/W
T_MINUS31_LK
Top Block[-31] Lock Register (Block 18)
FFA30002h
01h
R/W
T_MINUS32_LK
Top Block[-32] Lock Register (Block 17)
FFA20002h
01h
R/W
T_MINUS33_LK
Top Block[-33] Lock Register (Block 16)
FFA10002h
01h
R/W
T_MINUS34_LK
Top Block[-34] Lock Register (Block 15 to 0)
FFA00002h
01h
R/W
MANUF_REG
Manufacturer Code Register
FFBC0000h
20h
R
DEV_REG
Device Code Register
FFBC0001h
30h
R
GPI_REG
General Purpose Input Register
FFBC0100h
N/A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com