Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2672 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2672
Description  SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2672 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2672 Datasheet HTML 1Page - National Semiconductor (TI) LM2672 Datasheet HTML 2Page - National Semiconductor (TI) LM2672 Datasheet HTML 3Page - National Semiconductor (TI) LM2672 Datasheet HTML 4Page - National Semiconductor (TI) LM2672 Datasheet HTML 5Page - National Semiconductor (TI) LM2672 Datasheet HTML 6Page - National Semiconductor (TI) LM2672 Datasheet HTML 7Page - National Semiconductor (TI) LM2672 Datasheet HTML 8Page - National Semiconductor (TI) LM2672 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Connection Diagrams
16-Lead LLP Surface Mount Package
Top View
8-Lead Package
Top View
01293441
LLP Package
See NSC Package Drawing Number LDA16A
01293402
SO-8/DIP Package
See NSC Package Drawing Number MO8A/N08E
TABLE 1. Package Marking and Ordering Information
Output Voltage
Order Information
Package Marking
Supplied as:
16 Lead LLP
12
LM2672LD-12
S0001B
1000 Units on Tape and Reel
12
LM2672LDX-12
S0001B
4500 Units on Tape and Reel
3.3
LM2672LD-3.3
S0002B
1000 Units on Tape and Reel
3.3
LM2672LDX-3.3
S0002B
4500 Units on Tape and Reel
5.0
LM2672LD-5.0
S0003B
1000 Units on Tape and Reel
5.0
LM2672LDX-5.0
S0003B
4500 Units on Tape and Reel
ADJ
LM2672LD-ADJ
S0004B
1000 Units on Tape and Reel
ADJ
LM2672LDX-ADJ
S0004B
4500 Units on Tape and Reel
SO-8
12
LM2672M-12
2672M-12
Shipped in Anti-Static Rails
12
LM2672MX-12
2672M-12
2500 Units on Tape and Reel
3.3
LM2672M-3.3
2672M-3.3
Shipped in Anti-Static Rails
3.3
LM2672MX-3.3
2672M-3.3
2500 Units on Tape and Reel
5.0
LM2672M-5.0
2672M-5.0
Shipped in Anti-Static Rails
5.0
LM2672MX-5.0
2672M-5.0
2500 Units on Tape and Reel
ADJ
LM2672M-ADJ
2672M-ADJ
Shipped in Anti-Static Rails
ADJ
LM2672MX-ADJ
2672M-ADJ
2500 Units on Tape and Reel
DIP
12
LM2672N-12
LM2672N-12
Shipped in Anti-Static Rails
3.3
LM2672N-3.3
LM2672N-3.3
Shipped in Anti-Static Rails
5.0
LM2672N-5.0
LM2672N-5.0
Shipped in Anti-Static Rails
ADJ
LM2672N-ADJ
LM2672N-ADJ
Shipped in Anti-Static Rails
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com