Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB1365 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB1365
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB1365 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB1365 Datasheet HTML 1Page - Kingbor Technology Co KB1365 Datasheet HTML 2Page - Kingbor Technology Co KB1365 Datasheet HTML 3Page - Kingbor Technology Co KB1365 Datasheet HTML 4Page - Kingbor Technology Co KB1365 Datasheet HTML 5Page - Kingbor Technology Co KB1365 Datasheet HTML 6Page - Kingbor Technology Co KB1365 Datasheet HTML 7Page - Kingbor Technology Co KB1365 Datasheet HTML 8Page - Kingbor Technology Co KB1365 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Part number
Package
Marking
2
KB1365
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
PIN CONFIGURATION
ORDER INFORMATION
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
REV: 1.0
SOT23-6
KB1365GRE
SOT23-6,Green
xxxx,Date Code with one bottom line
CSN 1
2
3
6
4
DIM
IN
GND
VCC
5
DRV
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, CSN, DIM to GND .............................................-0.3V to +40V
VCC, DRV to GND ....................................................-0.3V to +6V
CSN to IN...............................................................-0.3V to +0.3V
Maximum Current into Any Pin
(except IN, VCC, and DRV)............................................±20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Pin-to-Pin ESD Ratings (HB Model).....................................2.5kV
*As per JEDEC51 Standard (Single-Layer Board).
...............................................................350mW
PIN
NAME
FUNCTION
1
IN
Positive Supply Voltage Input. Bypass with a 1µF or higher value capacitor to GND.
2
CSN
Current-Sense Input
3
DIM
Logic-Level Dimming Input. Drive DIM low to turn off the current regulator. Drive DIM high to enable
the current regulator.
4
GND
Ground
5
DRV
Gate Drive Output. Connect to the gate of an external n-channel MOSFET.
6VCC
Voltage Regulator Output. Connect a 1µF capacitor from VCC to GND.
SOT23-6
SOT23-6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com