Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5481 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M5481
Description  LED DISPLAY DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5481 Datasheet(HTML) 2 Page - STMicroelectronics

  M5481 Datasheet HTML 1Page - STMicroelectronics M5481 Datasheet HTML 2Page - STMicroelectronics M5481 Datasheet HTML 3Page - STMicroelectronics M5481 Datasheet HTML 4Page - STMicroelectronics M5481 Datasheet HTML 5Page - STMicroelectronics M5481 Datasheet HTML 6Page - STMicroelectronics M5481 Datasheet HTML 7Page - STMicroelectronics M5481 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M5481
2/8
1 - BLOC DIAGRAM
Figure 1.
2 - ABSOLUTE MAXIMUM RATINGS
Stresses exceeding those listed under “Absolute Maximum Ratings” may cause permanent damage to the device and
affect its reliability.
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 15
V
Vi
Input Voltage
-0.3 to 15
V
Vo(off)
Off-state Output Voltage
15
V
Io
Output Sink Current
40
mA
Ptot
Total package power Dissipation
at 25°C
t 85°C
1.5
800
W
mW
Tj
Junction Temperature
150
°C
Toper
Operating Temperature Range
-25, +85
°C
Tstg
Staorage Temperature Range
-65, +150
°C
10
14
9
13
12
11
15
Data Enable
Serial Data
Clock
Load
Reset
35-Bit Shift Register
35 Latches
35 Output Buffers
8
Output
Bit 14
Output
Bit 1
Brightness
Control
100k
VDD
1nF
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com