Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080K5T Datasheet(PDF) 9 Page - STMicroelectronics

Part # M50LPW080K5T
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080K5T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M50LPW080K5T Datasheet HTML 5Page - STMicroelectronics M50LPW080K5T Datasheet HTML 6Page - STMicroelectronics M50LPW080K5T Datasheet HTML 7Page - STMicroelectronics M50LPW080K5T Datasheet HTML 8Page - STMicroelectronics M50LPW080K5T Datasheet HTML 9Page - STMicroelectronics M50LPW080K5T Datasheet HTML 10Page - STMicroelectronics M50LPW080K5T Datasheet HTML 11Page - STMicroelectronics M50LPW080K5T Datasheet HTML 12Page - STMicroelectronics M50LPW080K5T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9/44
M50LPW080
Figure 5. TSOP Connections
Table 3. Memory Identification Input Configuration
Memory Number
ID1
ID0
A21
A20
1 (Boot)
VIL or floating
VIL or floating
11
2
VIL or floating
VIH
10
3
VIH
VIL or floating
01
4
VIH
VIH
00
AI04428
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A9
A8
W
VSS
VCC
DQ7
G
RB
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
RFU
LAD1
LAD2
GPI3
TBL
ID0
GPI0
WP
NC
VCC
NC
IC (VIL)
RFU
GPI4
NC
VSS
LFRAME
RFU
LAD3
VSS
VCC
RFU
RFU
NC
CLK
RP
NC
VPP
VCC
NC
M50LPW080
10
1
11
20
21
30
31
40
ID1
NC
INIT
NC
RFU
GPI2
LAD0
GPI1
RFU
VSS
NC
NC
NC
IC (VIH)
NC
NC
NC
NC
RC
RP
VPP
VCC
NC
A10
VSS
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com