Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5481B7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M5481B7
Description  LED DISPLAY DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5481B7 Datasheet(HTML) 7 Page - STMicroelectronics

  M5481B7 Datasheet HTML 1Page - STMicroelectronics M5481B7 Datasheet HTML 2Page - STMicroelectronics M5481B7 Datasheet HTML 3Page - STMicroelectronics M5481B7 Datasheet HTML 4Page - STMicroelectronics M5481B7 Datasheet HTML 5Page - STMicroelectronics M5481B7 Datasheet HTML 6Page - STMicroelectronics M5481B7 Datasheet HTML 7Page - STMicroelectronics M5481B7 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M5481
7/8
7 - PACKAGE MECHANICAL DATA
20 Pins — Plastic Dip
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.25
3.30
3.35
0.128
0.130
0.132
a1
0.508
0.020
B
1.39
1.65
0.055
0.065
b
0.381
0.457
0.533
0.015
0.018
0.021
b1
0.20
0.254
0.30
0.008
0.010
0.012
C
5.20
5.33
5.46
0.205
0.210
0.215
D
24.9
25.15
25.4
0.980
0.990
1.000
E
7.8
8.5
9.1
0.307
0.335
0.358
e
2.29
2.54
2.79
0.090
0.100
0.110
e3
22.60
22.86
23.11
0.890
0.900
0.910
e4
7.36
7.62
7.87
0.290
0.300
0.310
F
6.22
6.35
6.50
0.245
0.250
0.255
I
3.42
3.68
3.93
0.135
0.145
0.155
L
3.17
3.30
3.42
0.125
0.130
0.135
N7d
7d
R1
0.152
0.006
R2
0.762
0.030
K
1.524
0.060
K1
0.762
0.030
K2
0.762
0.030
Z
1.27
1.34
0.050
0.053
Tie Bar Center



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com