Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5482 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M5482
Description  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5482 Datasheet(HTML) 1 Page - STMicroelectronics

  M5482 Datasheet HTML 1Page - STMicroelectronics M5482 Datasheet HTML 2Page - STMicroelectronics M5482 Datasheet HTML 3Page - STMicroelectronics M5482 Datasheet HTML 4Page - STMicroelectronics M5482 Datasheet HTML 5Page - STMicroelectronics M5482 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M5482
LED DISPLAY DRIVER
May 1993
.
2 DIGIT LED DRIVER (15 segments)
.
CURRENT GENERATOR OUTPUTS (no re-
sistor required)
.
CONTINUOUS BRIGHTNESS CONTROL
.
SERIAL DATA INPUT
.
WIDE SUPPLY VOLTAGE OPERATION
.
TTL COMPATIBILITY
Application Examples
.
MICROPROCESSOR DISPLAYS
.
INDUSTRIAL CONTROL INDICATOR
.
RELAY DRIVER
.
INSTRUMENTATION READOUTS
DIP20
(Plastic Package)
ORDER CODE : M5482B7
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OUTPUT BIT 8
OUTPUT BIT 7
OUTPUT BIT 6
OUTPUT BIT 5
OUTPUT BIT 4
OUTPUT BIT 3
OUTPUT BIT 2
OUTPUT BIT 1
BRIGHTNESS CONTROL
V
DD
V
SS
OUTPUT BIT 9
OUTPUT BIT 10
OUTPUT BIT 11
OUTPUT BIT 12
OUTPUT BIT 13
OUTPUT BIT 14
OUTPUT BIT 15
DATA IN
CLOCK
PIN CONNECTIONS
DESCRIPTION
The M5482 is a monolithic MOS integrated circuit
produced with an N-channel silicon gate technol-
ogy. It utilizes the M5451 die packaged in a 20-pin
plastic package copper frame, making it ideal for a
2-digit display. A single pin controls the LED display
brightness by setting a reference current through a
variable resistor connected either to VDD or to a
separate supply of 13.2V maximum.
1/6


Similar Part No. - M5482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5482B7 STMICROELECTRONICS-M5482B7 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
More results

Similar Description - M5482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_06 Datasheet
741Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com