Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080N5T Datasheet(PDF) 21 Page - STMicroelectronics

Part # M50LPW080N5T
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080N5T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M50LPW080N5T Datasheet HTML 17Page - STMicroelectronics M50LPW080N5T Datasheet HTML 18Page - STMicroelectronics M50LPW080N5T Datasheet HTML 19Page - STMicroelectronics M50LPW080N5T Datasheet HTML 20Page - STMicroelectronics M50LPW080N5T Datasheet HTML 21Page - STMicroelectronics M50LPW080N5T Datasheet HTML 22Page - STMicroelectronics M50LPW080N5T Datasheet HTML 23Page - STMicroelectronics M50LPW080N5T Datasheet HTML 24Page - STMicroelectronics M50LPW080N5T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21/44
M50LPW080
LOW PIN COUNT (LPC) INTERFACE CONFIGURATION REGISTERS
When the Low Pin Count Interface is selected sev-
eral additional registers can be accessed. These
registers control the protection status of the Blocks
and read the General Purpose Input pins. See Ta-
ble 12. for an example of the Register Configura-
tion map, valid for the boot memory, i.e. ID0-ID1
floating or driven LOW, VIL and A20-A21 set to ‘1’.
Table 12. Low Pin Count Register Configuration Map (1)
Note: 1. This map is referred to the boot memory (ID0-ID1 floating or driven, LOW, VIL and A20-A21 set to ‘1’).
Lock Registers
The Lock Registers control the protection status of
the Blocks. Each Block has its own Lock Register.
Three bits within each Lock Register control the
protection of each block, the Write Lock Bit, the
Read Lock Bit and the Lock Down Bit.
The Lock Registers can be read and written,
though care should be taken when writing as, once
the Lock Down Bit is set, ‘1’, further modifications
to the Lock Register cannot be made until cleared,
to ‘0’, by a reset or power-up.
See Table 13. for details on the bit definitions of
the Lock Registers.
Write Lock. The
Write
Lock
Bit
determines
whether the contents of the Block can be modified
(using the Program or Block Erase Command).
When the Write Lock Bit is set, ‘1’, the block is
write protected; any operations that attempt to
change the data in the block will fail and the Status
Register will report the error. When the Write Lock
Bit is reset, ‘0’, the block is not write protected
through the Lock Register and may be modified
unless write protected through some other means.
When VPP is less than VPPLK all blocks are pro-
tected and cannot be modified, regardless of the
state of the Write Lock Bit. If Top Block Lock, TBL,
is Low, VIL, then the Top Block (Block 15) is write
protected and cannot be modified. Similarly, if
Write Protect, WP, is Low, VIL, then the Main
Blocks (Blocks 0 to 14) are write protected and
cannot be modified.
After power-up or reset the Write Lock Bit is al-
ways set to ‘1’ (write protected).
Read Lock. The
Read
Lock
bit
determines
whether the contents of the Block can be read
(from Read mode). When the Read Lock Bit is set,
‘1’, the block is read protected; any operation that
attempts to read the contents of the block will read
00h instead. When the Read Lock Bit is reset, ‘0’,
read operations in the Block return the data pro-
grammed into the block as expected.
After power-up or reset the Read Lock Bit is al-
ways reset to ‘0’ (not read protected).
Mnemonic
Register Name
Memory
Address
Default
Value
Access
T_BLOCK_LK
Top Block Lock Register (Block 15)
FFBF0002h
01h
R/W
T_MINUS01_LK
Top Block [-1] Lock Register (Block 14)
FFBE0002h
01h
R/W
T_MINUS02_LK
Top Block [-2] Lock Register (Block 13)
FFBD0002h
01h
R/W
T_MINUS03_LK
Top Block [-3] Lock Register (Block 12)
FFBC0002h
01h
R/W
T_MINUS04_LK
Top Block [-4] Lock Register (Block 11)
FFBB0002h
01h
R/W
T_MINUS05_LK
Top Block [-5] Lock Register (Block 10)
FFBA0002h
01h
R/W
T_MINUS06_LK
Top Block [-6] Lock Register (Block 9)
FFB90002h
01h
R/W
T_MINUS07_LK
Top Block [-7] Lock Register (Block 8)
FFB80002h
01h
R/W
T_MINUS08_LK
Top Block [-8] Lock Register (Block 7)
FFB70002h
01h
R/W
T_MINUS09_LK
Top Block [-9] Lock Register (Block 6)
FFB60002h
01h
R/W
T_MINUS10_LK
Top Block [-10] Lock Register (Block 5)
FFB50002h
01h
R/W
T_MINUS11_LK
Top Block [-11] Lock Register (Block 4)
FFB40002h
01h
R/W
T_MINUS12_LK
Top Block [-12] Lock Register (Block 3)
FFB30002h
01h
R/W
T_MINUS13_LK
Top Block [-13] Lock Register (Block 2)
FFB20002h
01h
R/W
T_MINUS14_LK
Top Block [-14] Lock Register (Block 1)
FFB10002h
01h
R/W
T_MINUS15_LK
Top Block [-15] Lock Register (Block 0)
FFB00002h
01h
R/W
GPI_REG
General Purpose Input Register
FFBC0100h
N/A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com