Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTS/002 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # LDTS/002
Description  Metric HSS TiN Drill Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

LDTS/002 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  LDTS/002 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
QTY
Contents (mm)
Order Code
+
19
1-10 x 0.5
126-9285
——
23
1-10 x 0.5
+ Tapping
126-9286
——
25
1-13 x 0.5
147-1944
——
492297
Metric HSS TiN Drill Set
HSS TiN ground drills. The tapping set contains additional
tapping drill sizes 2.5, 3.3, 4.2, 6.8, 8.5, 10.2mm to suit M3
to M12 threads. Strong lightweight carrying case.


Similar Part No. - LDTS/002

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
LDTS/001 DURATOOL-LDTS/001 Datasheet
26Kb / 1P
HSS TiN Coated Jobber Drill Sets
LDTS/003 DURATOOL-LDTS/003 Datasheet
24Kb / 1P
Jobber Drill Sets
LDTS/004 DURATOOL-LDTS/004 Datasheet
24Kb / 1P
Jobber Drill Sets
LDTS/006 DURATOOL-LDTS/006 Datasheet
24Kb / 1P
Jobber Drill Sets
More results

Similar Description - LDTS/002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105151-1 MACOM-2-1105151-1 Datasheet
97Kb / 1P
SOCKET CONTACT SERIES HSS
2-1105870-8 MACOM-2-1105870-8 Datasheet
56Kb / 1P
HTS-DIE SET FOR HSK, HSM AND HSS CONTACTS
2-1104200-3 MACOM-2-1104200-3 Datasheet
39Kb / 1P
Male insert HSS.8 Stifteinsatz HSS.8
2-1104202-3 MACOM-2-1104202-3 Datasheet
39Kb / 1P
Female insert HSS.8 Buchseneinsatz HSS.8
logo
List of Unclassifed Man...
HS40 ETC1-HS40 Datasheet
121Kb / 1P
Tap / Die Set, M3 to M12, HSS
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
logo
SparkFun Electronics
TOL-14817 SPARKFUN-TOL-14817 Datasheet
203Kb / 1P
Standard PCB Drill Set (10 Pieces)
8-6-18
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
List of Unclassifed Man...
DWA1789IR ETC-DWA1789IR Datasheet
301Kb / 1P
Drill Bit Set, Impact Ready, 2 Step, 7/8" - 1 1/8"
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com