Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDTS/006 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # LDTS/006
Description  Jobber Drill Sets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

LDTS/006 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  LDTS/006 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
No. of
Price Each
Drills
Contents
Order Code
25
1.0 - 13.0mm x 0.5mm
137-4250
51
1.0 - 6.0mm x 0.1mm
147-1942
41
6.0 - 10.0mm x 0.1mm
147-1943
21
1
⁄16 - 3⁄8 x 1⁄64
147-1875
29
1
⁄16 - 1⁄2 x 1⁄64
147-1876
High speed steel. Straight shank. Right hand cutting.
DIN 338/BS 328. Supplied in metal case.
492620
Jobber Drill Sets


Similar Part No. - LDTS/006

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
LDTS/001 DURATOOL-LDTS/001 Datasheet
26Kb / 1P
HSS TiN Coated Jobber Drill Sets
LDTS/002 DURATOOL-LDTS/002 Datasheet
28Kb / 1P
Metric HSS TiN Drill Set
More results

Similar Description - LDTS/006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RHK VISHAY-RHK Datasheet
81Kb / 2P
Voltage Multiplier Sets
23-May-05
logo
Connor-Winfield Corpora...
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
Synchronous Clock for SETS
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C09 ROSENBERGER-60W010-C09 Datasheet
200Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
List of Unclassifed Man...
DT7926-XJ ETC1-DT7926-XJ Datasheet
110Kb / 2P
EXTREME 2??Metal Drill Bit Sets
logo
SparkFun Electronics
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com