Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PARTACOMBIATIONCLA Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # PARTACOMBIATIONCLA
Description  Combination Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

PARTACOMBIATIONCLA Datasheet(HTML) 1 Page - Premier Farnell Limited.

  PARTACOMBIATIONCLA Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
Combination set
137-5987
Square head
137-6085
Centre head
137-6086
Protractor head
137-5985
Combination blade
300mm / 12in
137-6087
Part A clamp screw
137-5964
The square and centre heads are of hardened steel.
Protractor head is reversible and is graduated 0° to
180° in both directions. All heads have blue stove
enamelled hammer finish with accurately ground
working surfaces. The 300mm/12in blade is fully
tempered and hardened. Satin chrome finish gives
exceptional clarity to the very fine graduations and
resists abrasion.
490458
Combination Set


Similar Part No. - PARTACOMBIATIONCLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PARTACOMBIATIONCLA ETC-PARTACOMBIATIONCLA  Datasheet
26Kb / 1P
Combination Set
More results

Similar Description - PARTACOMBIATIONCLA

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409053 PHOENIX-1409053 Datasheet
85Kb / 5P
Housing set - HC-MOT-AFL-SET
1409066 PHOENIX-1409066 Datasheet
88Kb / 6P
Housing set - HC-MOT-TML-SET
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1212538 PHOENIX-1212538 Datasheet
47Kb / 2P
Tool set - SF-TXH SET
1212541 PHOENIX-1212541 Datasheet
63Kb / 3P
Tool set - SF-SL/PH SET
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
Tool set - SF-M SET
1212544 PHOENIX-1212544 Datasheet
48Kb / 3P
Tool set - SF-LHEX SET
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
1268355 PHOENIX-1268355 Datasheet
1Mb / 11P
Set - EV-T2M3SO12-4P-BL-SET
1164423 PHOENIX-1164423 Datasheet
1Mb / 12P
Set - EV-T2M3SO12-4P-P-SET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com