Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

880/2012 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # 880/2012
Description  HSS NPT Dies NPT American Taper Pipe
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

880/2012 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  880/2012 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Size (in)
OD (in)
Order Code
1+
5+
10+
20+
1
⁄8
1
147-2073
48.57
47.60
46.65
45.71
1
⁄4
15⁄16
147-2074
66.45
65.12
63.82
62.54
3
⁄8
2
147-2075
97.37
95.42
93.51
91.64
1
⁄2
2
147-2076
97.37
95.42
93.51
91.64
NPT American Taper Pipe
Solid die not split.
494073
HSS NPT Dies


Similar Part No. - 880/2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
880 ETC2-880 Datasheet
1Mb / 8P
40,000 counts resolution on primary and 10,000 counts resolution on secondary display
logo
B&K Precision Corporati...
880 BK-880 Datasheet
1Mb / 8P
40,000-Count Dual-Display Handheld LCR Meters
logo
Keystone Electronics Co...
880 KEYSTONE-880 Datasheet
186Kb / 1P
NYLON THRU-HOLE SPACER
REV. A
logo
France Joint
880 FRANCEJOINT-880 Datasheet
464Kb / 3P
PTFE SHAFT SEALS
logo
Keystone Electronics Co...
880 KEYSTONE-880 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 880/2012

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXEN60N120 IXYS-IXEN60N120 Datasheet
37Kb / 2P
NPT IGBT
logo
Sirectifier Semiconduct...
SDI400N12 SIRECTIFIER-SDI400N12 Datasheet
455Kb / 2P
NPT IGBT Modules
SID400N12 SIRECTIFIER-SID400N12 Datasheet
455Kb / 2P
NPT IGBT Modules
logo
Fairchild Semiconductor
FGH40N120AN FAIRCHILD-FGH40N120AN Datasheet
509Kb / 7P
1200V NPT IGBT
logo
Tyco Electronics
2-1106066-8 MACOM-2-1106066-8 Datasheet
32Kb / 1P
Adapter PG/NPT Ubergangsstuck PG/NPT
logo
Ralston Instruments.
QTHA-2MB0-RT RALSTON-QTHA-2MB0-RT Datasheet
339Kb / 1P
Connects Female BSPT (ISO 7/1) taper pipe
logo
Cynergy3 Co
SSF212 CYNERGY3-SSF212 Datasheet
379Kb / 1P
compact external fitting with npt taper thread
logo
Lapp.
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53806780 LAPP-53806780 Datasheet
289Kb / 2P
SKINTOP® INOX NPT / INOX-R NPT
02.12.2021
54114100 LAPP-54114100 Datasheet
312Kb / 2P
SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com