Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080K5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M50LPW080K5
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080K5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M50LPW080K5 Datasheet HTML 7Page - STMicroelectronics M50LPW080K5 Datasheet HTML 8Page - STMicroelectronics M50LPW080K5 Datasheet HTML 9Page - STMicroelectronics M50LPW080K5 Datasheet HTML 10Page - STMicroelectronics M50LPW080K5 Datasheet HTML 11Page - STMicroelectronics M50LPW080K5 Datasheet HTML 12Page - STMicroelectronics M50LPW080K5 Datasheet HTML 13Page - STMicroelectronics M50LPW080K5 Datasheet HTML 14Page - STMicroelectronics M50LPW080K5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11/44
M50LPW080
Write Protect, WP, does not affect the protection of
the Top Block (Block 15).
Write Protect, WP, must be set prior to a Program
or Block Erase operation is initiated and must not
be changed until the operation completes or un-
predictable results may occur. Care should be tak-
en to avoid unpredictable behavior by changing
WP during Program or Erase Suspend.
Reserved for Future Use (RFU). These pins do
not have assigned functions in this revision of the
part. They must be left disconnected.
Table 4. Block Addresses
Address/Address Multiplexed (A/A Mux)
Signal Descriptions
For the Address/Address Multiplexed (A/A Mux)
Interface see Figure 3. and Table 2..
Address Inputs (A0-A10). The Address Inputs
are used to set the Row Address bits (A0-A10) and
the Column Address bits (A11-A19). They are
latched during any bus operation by the Row/Col-
umn Address Select input, RC.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs hold the data that is written to or read
from the memory. They output the data stored at
the selected address during a Bus Read opera-
tion. During Bus Write operations they represent
the commands sent to the Command Interface of
the internal state machine. The Data Inputs/Out-
puts, DQ0-DQ7, are latched during a Bus Write
operation.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operation of the memory.
Write Enable (W). The Write Enable, W, controls
the Bus Write operation of the memory’s Com-
mand Interface.
Row/Column Address Select (RC). The
Row/
Column Address Select input selects whether the
Address Inputs should be latched into the Row Ad-
dress bits (A0-A10) or the Column Address bits
(A11-A19). The Row Address bits are latched on
the falling edge of RC whereas the Column Ad-
dress bits are latched on the rising edge.
Ready/Busy Output (RB). The Ready/Busy pin
gives the status of the memory’s Program/Erase
Controller. When Ready/Busy is Low, VOL, the
memory is busy with a Program or Erase operation
and it will not accept any additional Program or
Erase command except the Program/Erase Sus-
pend command. When Ready/Busy is High, VOH,
the memory is ready for any Read, Program or
Erase operation.
Supply Signal Descriptions
The Supply Signals are the same for both interfac-
es.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for all operations (Read, Pro-
gram, Erase etc.).
The Command Interface is disabled when the VCC
Supply Voltage is less than the Lockout Voltage,
VLKO. This prevents Bus Write operations from ac-
cidentally damaging the data during power up,
power down and power surges. If the Program/
Erase Controller is programming or erasing during
this time then the operation aborts and the memo-
ry contents being altered will be invalid. After VCC
becomes valid the Command Interface is reset to
Read mode.
A 0.1µF capacitor should be connected between
the VCC Supply Voltage pins and the VSS Ground
pin to decouple the current surges from the power
supply. Both VCC Supply Voltage pins must be
connected to the power supply. The PCB track
widths must be sufficient to carry the currents re-
quired during program and erase operations.
VPP Optional Supply Voltage. The VPP Optional
Supply Voltage pin is used to select the Fast Pro-
gram (see the Quadruple Byte Program Command
description) and Fast Erase options of the memory
and to protect the memory. When VPP < VPPLK
Program and Erase operations cannot be per-
formed and an error is reported in the Status Reg-
ister if an attempt to change the memory contents
is made. When VPP = VCC Program and Erase op-
erations take place as normal. When VPP = VPPH
Fast Program (if a Quadruple Byte Program Com-
mand is performed) and Fast Erase operations are
Size
(Kbytes)
Address Range
Block
Number
Block Type
64
F0000h-FFFFFh
15
Top Block
64
E0000h-EFFFFh
14
Main Block
64
D0000h-DFFFFh
13
Main Block
64
C0000h-CFFFFh
12
Main Block
64
B0000h-BFFFFh
11
Main Block
64
A0000h-AFFFFh
10
Main Block
64
90000h-9FFFFh
9
Main Block
64
80000h-8FFFFh
8
Main Block
64
70000h-7FFFFh
7
Main Block
64
60000h-6FFFFh
6
Main Block
64
50000h-5FFFFh
5
Main Block
64
40000h-4FFFFh
4
Main Block
64
30000h-3FFFFh
3
Main Block
64
20000h-2FFFFh
2
Main Block
64
10000h-1FFFFh
1
Main Block
64
00000h-0FFFFh
0
Main Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com