Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3766/6 Datasheet(PDF) 13 Page - Ericsson

Part # PBL3766/6
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3766/6 Datasheet(HTML) 13 Page - Ericsson

Back Button PBL3766/6 Datasheet HTML 9Page - Ericsson PBL3766/6 Datasheet HTML 10Page - Ericsson PBL3766/6 Datasheet HTML 11Page - Ericsson PBL3766/6 Datasheet HTML 12Page - Ericsson PBL3766/6 Datasheet HTML 13Page - Ericsson PBL3766/6 Datasheet HTML 14Page - Ericsson PBL3766/6 Datasheet HTML 15Page - Ericsson PBL3766/6 Datasheet HTML 16Page - Ericsson PBL3766/6 Datasheet HTML 17Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PBL 3766
4-13
A 2 x 900 ohm resistive feed substitu-
tes for the active state constant current
feed.
The following paragraphs describe the
PBL 3766 battery feed system in detail.
Case 1: SLIC in the Active State
V
TRdc < VSGRef
In the active state C1 = 0 and C2 = 1.
In this operating state tip to ring voltages
V
TRdc less than VSGRef, cause the block
titled saturation guard in figure 12 to be
disabled, i.e. its output is equal to zero.
For this case circuit analysis yields:
2500
I
Ldc =
R
DC + 41700
where
I
Ldc
= the constant loop current. I
Ldc is in
amperes for R
DC in ohms.
R
DC = the programming resistance, in
ohms, which sets the constant loop
current magnitude.
When the desired constant loop current
is known, R
DC is calculated from
2500
R
DC =
- 41700
I
Ldc
Capacitor C
DC, connected between the
RDC terminal and ground, removes noise
and vf signals from the battery feed
control loop. C
DC is calculated according
to
1
 11 
C
DC =· 
+
2
π · f
DC
41700
R
DC
where
f
DC
=5 Hz
R
DC =
constant current programming
resistance in ohms
C
DC =
filter capacitor in farads
Case 2: SLIC in the Active State
V
TRdc > VSGRef
In the active state C1 = 0 and C2 = 1.
When the tip to ring dc voltage
approaches the V
Bat supply voltage, the
saturation guard block shown in figure 12
is engaged and will limit the two-wire
voltage to a small additional increase
beyond the saturation guard threshold,
V
SGref. This leaves a sufficient voltage
margin to the V
Bat supply to maintain
distortion free vf transmission through the
line drive amplifiers. The saturation guard
feature makes on-hook transmission
possible in the active state.
The tip to ring voltage at which the
saturation guard becomes active, V
SGRef,
can be calculated from
5·105
V
SGRef = 12.5 +
25000 + R
SG
where
V
SGRef
is in volts for R
SG in ohms
R
SG is a resistor connected between
terminal RSG and V
EE (-5 V).
R
SG =
open circuit yields V
SGRef = 12.5 V
R
SG =
0 ohm yields V
SGRef = 32.5 V
The loop voltage, V
TRdc, as a function of
the loop resistance, R
L, for VTRdc > VSGRef is
described by
16.66 + 5.00·105/(25000 + R
SG)
V
TRdc =
· R
L
R
L + (RDC + 41700) / 600
from which the open loop voltage (I
L = 0)
is calculated to
5.00·105
V
TRdc = 16.66 +
25000 + R
SG
For R
SG = open circuit, the on-hook tip
to ring dc voltage is 16.7 V, which is
compatible with V
Bat in the -24 V to -28 V
range.
For R
SG = 0 ohm, the on-hook tip to ring
dc voltage is 36.7 V, which is compatible
with V
Bat in the -42 V to -58 V range.
For intermediate battery voltage values,
V
Bat, RSG can be calculated from
5.00·105
R
SG =
- 25000
V
TRdc -16.66
where
R
SG
is in ohms for V
TRdc in volts
V
TRdc is the open loop tip to ring
voltage.Let V
TRdc = |VBat| - 8 V to allow
distortion free transmission of a 3.1 V
pk vf
signal in the on-hook mode. The 8 V
margin may be reduced if a vf signal of
less than 3.1 Vpk is to be transmitted in
the on-hook mode.
Case 3: SLIC in the Stand-by State
In the stand-by state C1 = 1 and C2 = 1.
With the SLIC operating in the stand-by,
power saving state the tip and ring drive
amplifiers are disconnected and a
resistive battery feed is engaged. The
loop current can be calculated from
V
Bat - 3 V
I
Ldc ≈
R
L + 1800 Ω
where
I
Ldc
= loop current
R
L
= loop resistance
V
Bat
= battery supply voltage
-3 V
= voltage drop across internal
transistors
1800
Ω = feed resistance (900 Ω on the
tip side, 900
Ω on the ring side)
PBL 3766 Power Dissipation and
Derating
The tip to ring short circuit total power
dissipation, P
ShTot, is
P
ShTot = ILSh · (|VBat| - ILSh · 2RF) + POnAct
where
I
LSh = 2500/(41700 + RDC) is the short
circuit loop current
P
OnAct is the active state on-hook dissipa-
tion, typically 160 mW V
Bat = -48V
The permissible maximum device
dissipation is 1.5 W. The maximum
allowable junction temperature is 140
°C
for normal reliability requirements and
110
°C for extreme reliability requirements.
The junction temperature is calculated
from
T
J = PShTot · (θJP + θPA) + TAmb,
T
J < 140 °C
where
θ
JP = θJP28plcc = θJP22dip is the thermal
resistance from junction to all VBAT
terminals, typically 10
°C/W θ
PA is the
thermal resistance from all VBAT terminals
to ambient. The
θ
PA value will be depend-
ent on line-card thermal design.
T
Amb is the ambient temperature in °C.
Loop Monitoring Functions
Overview
The PBL 3766 SLIC contains detectors for
loop current and ring trip. These two
detectors report their status via the shared
DET
output. A triggered detector is
indicated by a logic low level at the DET
output. The detector to be connected to
the DET output is selected via the control
interface C1 and C2. Refer to section
Control Inputs for a description of the
control interface. Enable input E0 sets the
DET
output to either active or high imped-
ance state.
Loop Current Detector
The loop current detector is connected to
the DET output in the stand-by (C2, C1 =
1, 1) and the active (C2, C1 = 1, 0) states.
Refer to figure 14.
The loop current value, I
LThOff, at which
the loop current detector changes from
indicating on-hook to indicating off-hook is
internally programmed to 8.0 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com