Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC03
Description  QUAD 2-INPUT OPEN DRAIN NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC03 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC03 Datasheet HTML 1Page - STMicroelectronics M54HC03 Datasheet HTML 2Page - STMicroelectronics M54HC03 Datasheet HTML 3Page - STMicroelectronics M54HC03 Datasheet HTML 4Page - STMicroelectronics M54HC03 Datasheet HTML 5Page - STMicroelectronics M54HC03 Datasheet HTML 6Page - STMicroelectronics M54HC03 Datasheet HTML 7Page - STMicroelectronics M54HC03 Datasheet HTML 8Page - STMicroelectronics M54HC03 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC03
M74HC03
January 1993
QUAD 2-INPUT OPEN DRAIN NAND GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC03F1R
M74HC03M1R
M74HC03B1R
M74HC03C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPZ = 5 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS03
The M54/74HC03 is a high speed CMOS QUAD 2-
INPUT OPEN DRAIN NAND GATE fabricated in sili-
con gate C
2MOS technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
The internal circuit is composed of 3 stages includ-
ing buffer output, which gives high noise immunity
and stable output. This device can, with an external
pull-up resistor, be used in wired AND configuration.
This device can be also used as a led driver and in
any other application requiring a current sink. All in-
puts are equipped with protection circuits against
static discharge and transient excess voltage.
DESCRIPTION
1/9


Similar Part No. - M54HC03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
Mar-2004
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC03D STMICROELECTRONICS-M54HC03D Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
Mar-2004
M54HC03D STMICROELECTRONICS-M54HC03D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC03D1 STMICROELECTRONICS-M54HC03D1 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
Mar-2004
More results

Similar Description - M54HC03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-2001
M74HC03 STMICROELECTRONICS-M74HC03 Datasheet
179Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jul-2001
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
Quad 2-Input NAND Gate (Open Drain)
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
Quad 2-Input NAND Gate (open drain)
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
12-Nov-2004
74VHCT03A STMICROELECTRONICS-74VHCT03A_04 Datasheet
223Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
16-Dec-2004
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
Quad 2-Input NAND Gate (open drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com