Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6025IDGKT Datasheet(PDF) 15 Page - Texas Instruments

Part # REF6025IDGKT
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6025IDGKT Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF6025IDGKT Datasheet HTML 11Page - Texas Instruments REF6025IDGKT Datasheet HTML 12Page - Texas Instruments REF6025IDGKT Datasheet HTML 13Page - Texas Instruments REF6025IDGKT Datasheet HTML 14Page - Texas Instruments REF6025IDGKT Datasheet HTML 15Page - Texas Instruments REF6025IDGKT Datasheet HTML 16Page - Texas Instruments REF6025IDGKT Datasheet HTML 17Page - Texas Instruments REF6025IDGKT Datasheet HTML 18Page - Texas Instruments REF6025IDGKT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
7.2 Thermal Hysteresis
Thermal hysteresis for the device is defined as the change in output voltage after operating the device at 25°C,
cycling the device through the specified temperature range, and returning to 25°C. Thermal hysteresis was
measured with the REF60xx soldered to a PCB, similar to a real-world application. The PCB was baked at
150°C for 30 minutes before thermal hysteresis was measured. Thermal hysteresis is expressed as:
PRE
POST
6
HYST
NOM
V
V
V
10
(ppm)
V
§
·
x
¨
¸
¨
¸
©
¹
(1)
where
• VHYST = thermal hysteresis (in units of ppm).
• VNOM = the specified output voltage.
• VPRE = output voltage measured at 25°C pretemperature cycling.
• VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range of –40°C to 125°C and returns to 25°C.
Typical thermal hysteresis distribution is shown in Figure 7-3 and Figure 7-4.
0
10
20
30
40
50
-80
-60
-40
-20
0
20
40
60
Thermal hysteresis - Cycle 1 (ppm)
C030
Figure 7-3. Thermal Hysteresis Distribution (Cycle
1)
0
10
20
30
40
50
-20
-15
-10
-5
0
5
15
20
Thermal hysteresis - Cycle 2 (ppm)
C031
Figure 7-4. Thermal Hysteresis Distribution (Cycle
2)
www.ti.com
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com