Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6033IDGKT Datasheet(PDF) 16 Page - Texas Instruments

Part # REF6033IDGKT
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6033IDGKT Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF6033IDGKT Datasheet HTML 12Page - Texas Instruments REF6033IDGKT Datasheet HTML 13Page - Texas Instruments REF6033IDGKT Datasheet HTML 14Page - Texas Instruments REF6033IDGKT Datasheet HTML 15Page - Texas Instruments REF6033IDGKT Datasheet HTML 16Page - Texas Instruments REF6033IDGKT Datasheet HTML 17Page - Texas Instruments REF6033IDGKT Datasheet HTML 18Page - Texas Instruments REF6033IDGKT Datasheet HTML 19Page - Texas Instruments REF6033IDGKT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
7.3 Reference Droop Measurements
Many applications, such as event-triggered and multiplexed data-acquisition systems, require the very first
conversion of the ADC to have 18-bit or greater precision. These types of data-acquisition systems capture
data in bursts, and are also called burst-mode, data-acquisition systems. Achieving 18-bit precision for the first
sample is a very difficult using a conventional voltage reference because the voltage reference droop limits the
accuracy of the first few conversions. The REF60xx have an integrated ADC drive buffer that makes sure the
reference droop is less than 1LSB at 18-bit precision when used with the ADS8881, even at full throughput.
Figure 7-5 and Figure 7-6 show the REF60xx output voltage droop when driving the REF pin of the ADS8881 at
positive and negative full-scale inputs, respectively.
121405
121406
121407
121408
121409
121410
0
20
40
60
80
100
Time (µs)
C047
REF6050 driving REF pin of ADS8881 operating at 1MSPS,
positive full-scale input to ADS8881
Figure 7-5. Output Voltage Droop
±121339
±121338
±121337
±121336
±121335
±121334
0
20
40
60
80
100
Time (µs)
C048
REF6050 driving REF pin of ADS8881 operating at 1MSPS,
negative full-scale input to ADS8881
Figure 7-6. Output Voltage Droop
Direct measurement of the reference droop to 18-bit accuracy can be a challenging process. Therefore, the plots
in Figure 7-5 and Figure 7-6 were obtained by processing the output code of the ADC. The ADC output code is
given by:
C = (Input Voltage / VREF) × 2N
(2)
If the input voltage is kept constant, VREF is computed by monitoring the ADC output code C. The ADC code
usually has six to seven LSBs of code spread due to the inherent noise of the ADC. In order to measure
reference droop, this noise must be reduced drastically. Noise reduction is done by averaging the output code
multiple times, as described in the next paragraph.
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
www.ti.com
16
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com