Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0101BA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS0101BA
Description  SENSITIVE GATE SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS0101BA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS0101BA Datasheet HTML 1Page - List of Unclassifed Manufacturers FS0101BA Datasheet HTML 2Page - List of Unclassifed Manufacturers FS0101BA Datasheet HTML 3Page - List of Unclassifed Manufacturers FS0101BA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
On-State Current
0.8 Amp
FS01...A/B
SENSITIVE GATE SCR
This series of Silicon Controlled R ectifiers
uses a high performance
PNPN technology.
This part is intended for general purpose
applications where high gate sensitivity is
required.
Feb - 01
Absolute Maximum Ratings, according to IEC publication No. 134
On-state Current
Average On-state Current
Non-repetitive On-State Current
Non-repetitive On-State Current
Fusing Current
Peak Reverse Gate Voltage
Peak Gate Current
Peak Gate Dissipation
Gate Dissipation
Operating Temperature
Storage Temperature
Soldering Temperature
IT(RMS)
PARAMETER
CONDITIONS
Min.
Max.
Unit
Gate Trigger Current
< 200 µA
Off-State Voltage
200 V ÷ 600 V
SYMBOL
IT(AV)
ITSM
ITSM
I2t
VGRM
IGM
PGM
PG(AV)
Tj
Tstg
Tsld
All Conduction Angle, TL = 60 ºC
Half Cycle,
Θ = 180 º, T
L = 60 ºC
Half Cycle, 60 Hz, Tj = 25 ºC
Half Cycle, 50 Hz, Tj = 25º C
t = 10ms, Half Cycle
IGR = 10 µA
20 µs max.
20 µs max.
20ms max.
1.6 mm from case, 10s max.
0.8
0.5
8
7
0.24
8
-40
-40
A
A
A
A
A2s
V
A
W
W
ºC
ºC
ºC
1
2
0.1
+125
+150
260
Repetitive Peak Off State
Voltage
PARAMETER
CONDITIONS
VOLTAGE
Unit
SYMBOL
VDRM
VRRM
Tj = -40 to +125 ºC, RGK = 1 K
Ω
V
B
200
D
400
G
G
K
TO92
(Plastic)
RD26
(Plastic)
FS01...A
FS01...B
A
K
A
M
600


Similar Part No. - FS0101BA

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
logo
Infineon Technologies A...
FS01MR08A8MA2LBC INFINEON-FS01MR08A8MA2LBC Datasheet
1Mb / 20P
HybridPACK™ Drive G2 module with SiC MOSFET
Revision 1.00 2024-03-14
More results

Similar Description - FS0101BA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
X04XXXF STMICROELECTRONICS-X04XXXF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
XL0102DA ETC1-XL0102DA Datasheet
78Kb / 2P
SENSITIVE GATE SCR
logo
STMicroelectronics
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
SENSITIVE GATE SCR
Jan-1995
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com